Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM337 Datasheet(PDF) 10 Page - Texas Instruments

Part # LM337
Description  LMx37 3-Terminal Adjustable Regulators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM337 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM337 Datasheet HTML 6Page - Texas Instruments LM337 Datasheet HTML 7Page - Texas Instruments LM337 Datasheet HTML 8Page - Texas Instruments LM337 Datasheet HTML 9Page - Texas Instruments LM337 Datasheet HTML 10Page - Texas Instruments LM337 Datasheet HTML 11Page - Texas Instruments LM337 Datasheet HTML 12Page - Texas Instruments LM337 Datasheet HTML 13Page - Texas Instruments LM337 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Frequency (Hz)
0
10
20
30
40
50
60
70
80
10
100
1k
10k
100k
1m
D001
CADJ = 10 µF
CADJ = 0 µF
O
V
R2
R1
1
1.25
-
æ
ö
=
-
ç
÷
-
è
ø
LM237, LM337
SLVS047L – NOVEMBER 1981 – REVISED JANUARY 2015
www.ti.com
Typical Application (continued)
9.2.2 Detailed Design Procedure
VO is determined by the values of R1 and R2. Choosing R1 = 120 Ω means that about 10.42 mA of current will
flow through R1. The ~10 mA of current satisfies the minimum operating current and renders IREF negligible.
Since the current is coming from ground, the same amount of current will flow through R2. Therefore, the size of
R2 will be the dominant factor in adjusting VO. The relationship between R1, R2, and VO is as follows:
where VO is the output in volts.
(1)
9.2.3 Application Curves
Figure 4. Ripple Rejection Over Frequency
10 Power Supply Recommendations
For best performance, the difference in voltage between the output and input must be between -2.5 V and -37 V.
A 1-µF solid tantalum capacitor is required on the input pin if the regulator is more than 10 cm from the power
supply filter capacitor. A 1-µF solid tantalum or 10-µF aluminum electrolytic capacitor is required on the output
pin for stability.
10
Submit Documentation Feedback
Copyright © 1981–2015, Texas Instruments Incorporated
Product Folder Links: LM237 LM337



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com