Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM337 Datasheet(PDF) 11 Page - Texas Instruments

Part # LM337
Description  LMx37 3-Terminal Adjustable Regulators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM337 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM337 Datasheet HTML 7Page - Texas Instruments LM337 Datasheet HTML 8Page - Texas Instruments LM337 Datasheet HTML 9Page - Texas Instruments LM337 Datasheet HTML 10Page - Texas Instruments LM337 Datasheet HTML 11Page - Texas Instruments LM337 Datasheet HTML 12Page - Texas Instruments LM337 Datasheet HTML 13Page - Texas Instruments LM337 Datasheet HTML 14Page - Texas Instruments LM337 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
Thin traces for
IADJUSTMENT
(negligible)
1-2F tantalum or
10-2F aluminum
1-2F tantalum if
>10 cm from
supply capacitor
OUTPUT
INPUT
ADJUSTMENT
Thicker traces for
1.5 A
LM237, LM337
www.ti.com
SLVS047L – NOVEMBER 1981 – REVISED JANUARY 2015
11 Layout
11.1 Layout Guidelines
Traces on the input and output pins should be thick enough to carry 1.5 A of current without violating thermal
requirements of the device or the system. In addition, a 1-µF solid tantalum capacitor is required on the input pin
if the regulator is more than 10 cm from the power supply filter capacitor. A 1-µF solid tantalum or 10-µF
aluminum electrolytic capacitor is required on the output pin for stability.
11.2 Layout Example
Figure 5. Layout Diagram
12 Device and Documentation Support
12.1 Related Links
The table below lists quick access links. Categories include technical documents, support and community
resources, tools and software, and quick access to sample or buy.
Table 1. Related Links
TECHNICAL
TOOLS &
SUPPORT &
PARTS
PRODUCT FOLDER
SAMPLE & BUY
DOCUMENTS
SOFTWARE
COMMUNITY
LM237
Click here
Click here
Click here
Click here
Click here
LM337
Click here
Click here
Click here
Click here
Click here
12.2 Trademarks
12.3 Electrostatic Discharge Caution
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
12.4 Glossary
SLYZ022 — TI Glossary.
This glossary lists and explains terms, acronyms, and definitions.
13 Mechanical, Packaging, and Orderable Information
The following pages include mechanical, packaging, and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.
Copyright © 1981–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM237 LM337



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com