Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM337 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM337
Description  LMx37 3-Terminal Adjustable Regulators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM337 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM337 Datasheet HTML 3Page - Texas Instruments LM337 Datasheet HTML 4Page - Texas Instruments LM337 Datasheet HTML 5Page - Texas Instruments LM337 Datasheet HTML 6Page - Texas Instruments LM337 Datasheet HTML 7Page - Texas Instruments LM337 Datasheet HTML 8Page - Texas Instruments LM337 Datasheet HTML 9Page - Texas Instruments LM337 Datasheet HTML 10Page - Texas Instruments LM337 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
1.25 V
IADJ
INPUT
OUTPUT
ADJUST
Over temp
& over
current
protection
+
+
LM237, LM337
www.ti.com
SLVS047L – NOVEMBER 1981 – REVISED JANUARY 2015
8 Detailed Description
8.1 Overview
The LMx37 devices are adjustable 3-terminal negative-voltage regulators capable of supplying in excess of –1.5
A over an output voltage range of –1.2 V to –37 V. They are exceptionally easy to use, requiring only two
external resistors to set the output voltage and one output capacitor for frequency compensation. The current
design is optimized for excellent regulation and low thermal transients. In addition, LM237 and LM337 feature
internal current limiting, thermal shutdown, and safe-area compensation, making them virtually immune to failure
by overloads. The LMx37 devices serve a wide variety of applications, including local on-card regulation,
programmable output-voltage regulation, and precision current regulation.
8.2 Functional Block Diagram
Copyright © 1981–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM237 LM337



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com