Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM337 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM337
Description  LMx37 3-Terminal Adjustable Regulators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM337 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM337 Datasheet HTML 5Page - Texas Instruments LM337 Datasheet HTML 6Page - Texas Instruments LM337 Datasheet HTML 7Page - Texas Instruments LM337 Datasheet HTML 8Page - Texas Instruments LM337 Datasheet HTML 9Page - Texas Instruments LM337 Datasheet HTML 10Page - Texas Instruments LM337 Datasheet HTML 11Page - Texas Instruments LM337 Datasheet HTML 12Page - Texas Instruments LM337 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
C1
+
C2
R1
R2
+
INPUT
OUTPUT
ADJUSTMENT
LM237
or
LM337
V
V
O
I
ADJUSTMENT
OUTPUT
INPUT
VI
S
R
VO
LM237
or
LM337
RS =
1.25 V
ILIMIT
OUT
I
LM237, LM337
www.ti.com
SLVS047L – NOVEMBER 1981 – REVISED JANUARY 2015
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
9.1.1 General Configurations
Figure 2. Current-Limiting Circuit
This application uses the LMx37 device's reference voltage, combined with the series resistor RS, to limit the
current to 1.25 V ÷ RS
9.2 Typical Application
Figure 3. Adjustable Negative-Voltage Regulator
9.2.1 Design Requirements
•
1-µF solid tantalum on the input pin if the regulator is more than 10 cm from the power supply filter capacitor
•
1-µF solid tantalum or 10-µF aluminum electrolytic capacitor is required on the output pin for stability.
•
R1, which is usually 120
Ω as part of the resistor divider.
•
R2, which can be varied to change the value of VO.
Copyright © 1981–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM237 LM337



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com