Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP55281 Datasheet(PDF) 3 Page - Texas Instruments

Part # LP55281
Description  LP55281 12-Channel RGB/White-LED Drive With SPI, I2C Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP55281 Datasheet(HTML) 3 Page - Texas Instruments

  LP55281 Datasheet HTML 1Page - Texas Instruments LP55281 Datasheet HTML 2Page - Texas Instruments LP55281 Datasheet HTML 3Page - Texas Instruments LP55281 Datasheet HTML 4Page - Texas Instruments LP55281 Datasheet HTML 5Page - Texas Instruments LP55281 Datasheet HTML 6Page - Texas Instruments LP55281 Datasheet HTML 7Page - Texas Instruments LP55281 Datasheet HTML 8Page - Texas Instruments LP55281 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
SW
FB
B3
R1
G1
B1
G2
SCK/
SCL
IF_
SEL
B2
VDDA
VREF
GND
IRT
VDD1
GND_
RGB2
SS/
SDA
VDD2
SI/A0
R4
ASE1
G4
GNDA
GND_
RGB1
R2
IRGB
SO
VDDI
O
ASE2
G3
ALED
NRST
GND_
SW
R3
B4
1
2
3
4
5
6
GND
A
B
C
D
E
F
SW
FB
B3
R1
G1
B1
G2
SCK/
SCL
IF_
SEL
B2
VDDA
VREF
GND
IRT
VDD1
GND_
RGB2
SS/
SDA
VDD2
SI/A0
R4
ASE1
G4
GNDA
GND_
RGB1
R2
IRGB
SO
VDDI
O
ASE2
G3
ALED
NRST
GND_
SW
R3
B4
1
2
3
4
5
6
GND
A
B
C
D
E
F
3
LP55281
www.ti.com
SNVS458D – JUNE 2007 – REVISED OCTOBER 2016
Product Folder Links: LP55281
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
YPG and YZR Packages
36-Pin DSBGA
Top View
YPG and YZR Packages
36-Pin DSBGA
Bottom View
Pin Functions
PIN
TYPE
DESCRIPTION
NUMBER
NAME
1A
VDD2
Power
Supply voltage
1B
VDDA
Power
Internal LDO output
1C
VREF
Output
Reference voltage
1D
GNDA
Ground
Ground for analog circuitry
1E
B4
Output
Blue LED 4 output
1F
GND
Ground
Ground
2A
B2
Output
Blue LED 2 output
2B
IF_SEL
Logic Input
Interface (SPI or I2C compatible) selection (IF_SEL = 1 for SPI)
2C
IRT
Input
Oscillator frequency resistor
2D
ASE1
Input
Audio synchronization input 1
2E
G4
Output
Green LED 4 output
2F
ALED
Output
Audio Synchronized LED oautput
3A
G2
Output
Green LED 2 output
3B
SCK/SCL
Logic Input
Clock (SPI/I2C)
3C
VDDIO
Power
Supply voltage for input/output buffers and drivers
3D
VDD1
Power
Supply voltage
3E
R4
Output
Red LED 4 output
3F
NRST
Input
Asynchronous reset, active low
4A
R2
Output
Red LED 2 output
4B
SO
Logic Output
Serial data out (SPI)
4C
SI/A0
Logic Input
Serial input (SPI), address select (I2C)
4D
ASE2
Input
Audio synchronization input 2
4E
GND
Ground
Ground
4F
GND_RGB2
Ground
Ground for RGB3-4 currents
5A
GND_RGB1
Ground
Ground for RGB1-2 currents



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com