Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP55281 Datasheet(PDF) 13 Page - Texas Instruments

Part # LP55281
Description  LP55281 12-Channel RGB/White-LED Drive With SPI, I2C Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP55281 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP55281 Datasheet HTML 9Page - Texas Instruments LP55281 Datasheet HTML 10Page - Texas Instruments LP55281 Datasheet HTML 11Page - Texas Instruments LP55281 Datasheet HTML 12Page - Texas Instruments LP55281 Datasheet HTML 13Page - Texas Instruments LP55281 Datasheet HTML 14Page - Texas Instruments LP55281 Datasheet HTML 15Page - Texas Instruments LP55281 Datasheet HTML 16Page - Texas Instruments LP55281 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
Copyright © 2016, Texas Instruments Incorporated
+
-
+
-
+
-
+
-
FB
SW
R
S
R
R
R
Duty control
2 MHz clock
OVPCOMP
ERRORAMP
OLPCOMP
RESETCOMP
LOOPC
+
-
+
-
R
FBNCCOMP
ACTIVE
LOAD
SWITCH
VOUT
VIN
VREF
SLOPER
13
LP55281
www.ti.com
SNVS458D – JUNE 2007 – REVISED OCTOBER 2016
Product Folder Links: LP55281
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The LP55281 boost DC-DC converter generates a 4-V to 5.3-V supply voltage for the LEDs from single Li-Ion
battery (3 V...4.5 V). The output voltage is controlled with an 8-bit register in 9 steps. The converter is a magnetic
switching PWM mode DC-DC converter with a current limit. When timing resistor RT is 82 k
Ω, the converter has
three options for switching frequency: 1 MHz, 1.67 MHz, and 2 MHz (default). Timing resistor defines the internal
oscillator frequency and thus directly affects boost frequency and all internally generated timing (RGB, ALED) of
the circuit.
The LP55281 boost converter uses pulse-skipping elimination to stabilize the noise spectrum. Even with light
load or no load a minimum length current pulse is fed to the inductor. An active load is used to remove the
excess charge from the output capacitor at very light loads. At very light load and when input and output voltages
are very close to each other, the pulse skipping is not completely eliminated. Output voltage must be at least
0.5 V higher than input voltage to avoid pulse skipping. Reducing the switching frequency also reduces the
required voltage difference.
Active load can be disabled with the EN_AUTOLOAD bit. Disabling increases the efficiency at light loads, but the
downside is that pulse skipping will occur. The boost converter must be stopped when there is no load to
minimize the current consumption.
The topology of the magnetic boost converter is called current programmed mode (CPM) control, where the
inductor current is measured and controlled with the feedback. The user can program the output voltage of the
boost converter. The output voltage control changes the resistor divider in the feedback loop.
Figure 10 shows the boost topology with the protection circuitry. Four different protection schemes are
implemented:
1. Overvoltage protection — limits the maximum output voltage
–
Keeps the output below breakdown voltage.
–
Prevents boost operation if battery voltage is much higher than desired output.
2. Overcurrent protection — limits the maximum inductor current
–
Voltage over switching NMOS is monitored; too high voltages turn the switch off.
3. Feedback break protection — prevents uncontrolled operation if FB pin gets disconnected.
4. Duty cycle limiting, done with digital control.
Figure 10. Boost Converter Topology



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com