Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP55281 Datasheet(PDF) 6 Page - Texas Instruments

Part # LP55281
Description  LP55281 12-Channel RGB/White-LED Drive With SPI, I2C Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP55281 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP55281 Datasheet HTML 2Page - Texas Instruments LP55281 Datasheet HTML 3Page - Texas Instruments LP55281 Datasheet HTML 4Page - Texas Instruments LP55281 Datasheet HTML 5Page - Texas Instruments LP55281 Datasheet HTML 6Page - Texas Instruments LP55281 Datasheet HTML 7Page - Texas Instruments LP55281 Datasheet HTML 8Page - Texas Instruments LP55281 Datasheet HTML 9Page - Texas Instruments LP55281 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
6
LP55281
SNVS458D – JUNE 2007 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: LP55281
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see Semiconductor and IC Package Thermal Metrics.
6.4 Thermal Information
THERMAL METRIC(1)
LP55281
UNIT
YPG (DSGBA)
YZR (DSGBA)
36 PINS
36 PINS
RθJA
Junction-to-ambient thermal resistance
48.9
49.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
0.2
0.2
°C/W
RθJB
Junction-to-board thermal resistance
10.6
10.8
°C/W
ψJT
Junction-to-top characterization parameter
0.1
0.1
°C/W
ψJB
Junction-to-board characterization parameter
10.4
10.6
°C/W
(1)
All voltages are with respect to the potential at the GND pins.
(2)
Minimum (MIN) and maximum (MAX) limits are ensured by design, test or statistical analysis. Typical (TYP) numbers are not ensured,
but do represent the most likely norm.
(3)
Low-ESR surface-mount ceramic capacitors (MLCCs) used in setting electrical characteristics.
(4)
VDDA output is not recommended for external use.
6.5 Electrical Characteristics
Unless otherwise noted, specifications apply to Functional Block Diagram with: VVDD1 = VVDD2 = 3.6 V, VVDDIO = 2.8 V, CV
DD =
CVDDIO = 100 nF, COUT = CIN = 10 µF, CV
DDA= 1 µF, C
REF = 100 nF, L1 = 4.7 µH, RRGB = 8.2 kΩ and RRT = 82 kΩ, and limits are
for TJ = 25°C.
(1) (2) (3).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IVDD
Standby supply current (VDD1
+ VDD2 + leakage to SW, FB,
RGB1-4, ALED)
NSTBY = L
SCK = SS = SI = H
NRST = L
1
µA
NSTBY = L
SCK = SS = SI = H
NRST = L
–30°C < TA < 85°C
10
No-boost supply current
(VDD1 + VDD2)
NSTBY = H, EN_BOOST = L
SCK = SS = SI = H
Audio synchronization and LEDs OFF
350
µA
No-load supply current (VDD1
+ VDD2)
NSTBY = H, EN_BOOST = H, SCK = SS =
SI = H
Audio synchronization and LEDs OFF
Autoload OFF
0.6
mA
Total RGB drivers quiescent
current (VDD1 + VDD2)
EN_RGBx = H
250
µA
ALED driver current (VDD1 +
VDD2)
ALED[7:0] = FFh
180
µA
ALED[7:0] = 00h
0
µA
Audio synchronization
current (VDD1 + VDD2)
Audio synchronization ON
VDD1,2 = 2.8 V
390
µA
Audio synchronization ON
VDD1,2 = 3.6 V
700
µA
IDDIO
VDDIO standby supply current
NSTBY = L
SCK = SS = SI = H
–30°C < TA < 85°C
1
µA
VDDIO supply current
1 MHz SCK frequency in SPI modeCL = 50
pF at SO pin
20
µA
VDDA
Output voltage of internal
LDO for analog parts
See(4)
–3%
2.8
3%
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com