Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP55281 Datasheet(PDF) 1 Page - Texas Instruments

Part # LP55281
Description  LP55281 12-Channel RGB/White-LED Drive With SPI, I2C Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP55281 Datasheet(HTML) 1 Page - Texas Instruments

  LP55281 Datasheet HTML 1Page - Texas Instruments LP55281 Datasheet HTML 2Page - Texas Instruments LP55281 Datasheet HTML 3Page - Texas Instruments LP55281 Datasheet HTML 4Page - Texas Instruments LP55281 Datasheet HTML 5Page - Texas Instruments LP55281 Datasheet HTML 6Page - Texas Instruments LP55281 Datasheet HTML 7Page - Texas Instruments LP55281 Datasheet HTML 8Page - Texas Instruments LP55281 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
MCU
R3
G3
B3
R4
G4
B4
IRGB
IRT
ASE2
AUDIO
INPUTS
LP55281
SW
BATTERY
FB
VDDA
VREF
D1
VDD2
VDD1
GNDs
SCK/SCL
SI/A0
SS/SDA
SO
IF_SEL
VDDIO
RGB3
RGB4
RRT
RRGB
COUT
10 P
F
IMAX = 300...400 mA
VOUT = 4...5.3V
CVDD
100 nF
Lboost
CIN
10 P
F
CVDDA
1 é
F
CREF
100 nF
CVDDIO
100 nF
ALED
RGB1
RGB2
R1
G1
B1
R2
G2
B2
ASE1
4.7 P
H
Copyright © 2016, Texas Instruments Incorporated
NRST
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LP55281
SNVS458D – JUNE 2007 – REVISED OCTOBER 2016
LP55281 12-Channel RGB/White-LED Drive With SPI, I2C Interface
1
1 Features
1
•
Audio Synchronization for a Single Fun-Light LED
•
Four PWM Controlled RGB LED Drivers
•
High-Efficiency Boost DC-DC Converter
•
SPI or I2C-Compatible Interface
•
Two Addresses in I2C-Compatible Interface
•
LED Connectivity Test Through the Serial
Interface
2 Applications
•
Cellular Phones
•
PDAs, MP3 Players
3 Description
The LP55281 device is a quadruple RGB LED driver
for handheld devices. It can drive 4 RGB LED sets
and a single fun-light LED. The boost DC-DC
converter
drives
high
current
loads
with
high
efficiency. The RGB driver can drive individual color
LEDs or RGB LEDs powered from boost output or
external supply. Built-in audio synchronization feature
allows user to synchronize the fun-light LED to audio
inputs. The flexible SPI or I2C interface allows easy
control of LP55281. A small YZR0036 or YPG0036
package, together with minimum number of external
components, is a best fit for handheld devices. The
LP55281 also has an LED test feature, which can be
used, for example, in production for checking the LED
connections.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LP55281
DSBGA (36)
2.982 mm × 2.982 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application


Similar Part No. - LP55281

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP55281 NSC-LP55281 Datasheet
1Mb / 28P
Quad RGB Driver
logo
Texas Instruments
LP55281 TI1-LP55281 Datasheet
1Mb / 35P
Quad RGB Driver
logo
National Semiconductor ...
LP55281RL NSC-LP55281RL Datasheet
1Mb / 28P
Quad RGB Driver
logo
Texas Instruments
LP55281RL/NOPB TI1-LP55281RL/NOPB Datasheet
1Mb / 35P
Quad RGB Driver
logo
National Semiconductor ...
LP55281RLX NSC-LP55281RLX Datasheet
1Mb / 28P
Quad RGB Driver
More results

Similar Description - LP55281

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STCF03 STMICROELECTRONICS-STCF03 Datasheet
532Kb / 35P
High power white LED driver with I2C??interface
12-Sep-2007
logo
National Semiconductor ...
LM27966 NSC-LM27966 Datasheet
674Kb / 13P
White LED Driver with I2C Compatible Interface
logo
ATMEL Corporation
MSL2160 ATMEL-MSL2160 Datasheet
1Mb / 28P
16-string, White and RGB LED Drivers with Adaptive Configuration, EEPROM, and SPI/I2C/SMBus Serial Interface
logo
Texas Instruments
LM3435 TI1-LM3435 Datasheet
979Kb / 25P
Compact Sequential Mode RGB LED Driver with I2C Control Interface
LM27966 TI1-LM27966 Datasheet
927Kb / 20P
LM27966 White LED Driver with I2C Compatible Interface
logo
Kinetic Technologies.
KTD2026 KINETIC-KTD2026 Datasheet
749Kb / 21P
Constant Current RGB/White LED Driver with I2C Control
April 2020 - Revision 04h
KTD2052 KINETIC-KTD2052 Datasheet
1Mb / 29P
12-Channel RGB LED Drivers with I2C Control
October 2021 - Revision 04b
KTD2061 KINETIC-KTD2061 Datasheet
235Kb / 3P
36-Channel RGB LED Drivers with I2C Control
August 2022 - Revision 04e
KTD2061Q KINETIC-KTD2061Q Datasheet
142Kb / 2P
36-Channel RGB LED Drivers with I2C Control
August 2021 - Revision 04b
KTD2064 KINETIC-KTD2064 Datasheet
190Kb / 3P
24-Channel RGB LED Driver with I2C Control
August 2021 - Revision 04c
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com