Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP55281 Datasheet(PDF) 11 Page - Texas Instruments

Part # LP55281
Description  LP55281 12-Channel RGB/White-LED Drive With SPI, I2C Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP55281 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP55281 Datasheet HTML 7Page - Texas Instruments LP55281 Datasheet HTML 8Page - Texas Instruments LP55281 Datasheet HTML 9Page - Texas Instruments LP55281 Datasheet HTML 10Page - Texas Instruments LP55281 Datasheet HTML 11Page - Texas Instruments LP55281 Datasheet HTML 12Page - Texas Instruments LP55281 Datasheet HTML 13Page - Texas Instruments LP55281 Datasheet HTML 14Page - Texas Instruments LP55281 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
0.0
140.0
280.0
420.0
560.0
700.0
5.1
4.8
4.5
4.2
3.9
3.6
VIN = 3.6V
f = 2 MHz
L -TDK VLF4012AT 4.7 é
H
CIN = COUT = 10 éF
OUTPUT CURRENT (mA)
5.1
4.8
4.5
4.2
3.9
3.6
3.0
3.6
4.1
4.7
5.2
310.0
278.0
246.0
214.0
182.0
150.0
VOUT = 5.3V
VOUT = 4.7V
ILOAD = 150 mA
VOUT = 4V
BATTERY VOLTAGE (V)
310.0
278.0
246.0
214.0
182.0
150.0
3.0
3.6
4.1
4.7
5.2
660.0
588.0
516.0
444.0
372.0
300.0
ILOAD = 300 mA
VOUT = 4.7V
VOUT = 5.3V
VOUT = 4V
BATTERY VOLTAGE (V)
660.0
588.0
516.0
444.0
300.0
372.0
3.0
3.3
3.6
3.9
4.2
4.5
91.0
88.6
86.2
83.8
81.4
79.0
ILOAD = 100 mA
fBOOST = 2.0 MHz
350 mA
300 mA
200 mA
INPUT VOLTAGE (V)
91.0
88.6
86.2
83.8
81.4
79.0
11
LP55281
www.ti.com
SNVS458D – JUNE 2007 – REVISED OCTOBER 2016
Product Folder Links: LP55281
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
6.8 Boost Converter Typical Characteristics
Figure 3. Boost Converter Efficiency
Figure 4. Battery Current vs Voltage
Figure 5. Battery Current vs Voltage
Figure 6. Boost Frequency vs RT Resistor
Figure 7. Output Voltage vs Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com