Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP55281 Datasheet(PDF) 8 Page - Texas Instruments

Part # LP55281
Description  LP55281 12-Channel RGB/White-LED Drive With SPI, I2C Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP55281 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP55281 Datasheet HTML 4Page - Texas Instruments LP55281 Datasheet HTML 5Page - Texas Instruments LP55281 Datasheet HTML 6Page - Texas Instruments LP55281 Datasheet HTML 7Page - Texas Instruments LP55281 Datasheet HTML 8Page - Texas Instruments LP55281 Datasheet HTML 9Page - Texas Instruments LP55281 Datasheet HTML 10Page - Texas Instruments LP55281 Datasheet HTML 11Page - Texas Instruments LP55281 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
8
LP55281
SNVS458D – JUNE 2007 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: LP55281
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Unless otherwise noted, specifications apply to Functional Block Diagram with: VVDD1 = VVDD2 = 3.6 V, VVDDIO = 2.8 V, CV
DD =
CVDDIO = 100 nF, COUT = CIN = 10 µF, CV
DDA= 1 µF, C
REF = 100 nF, L1 = 4.7 µH, RRGB = 8.2 kΩ and RRT = 82 kΩ, and limits are
for TJ = 25°C.
(1)(2) (3).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LOGIC INTERFACE CHARACTERISTICS
VIL
Input low level
–30°C < TA < 85°C
0.2 ×
VDDIO
V
VIH
Input high level
–30°C < TA < 85°C
0.8 ×
VDDIO
V
II
Logic input current
–30°C < TA < 85°C
–1
1
µA
fSCK/SCL
Clock frequency
I2C, –30°C < TA < 85°C
400
kHz
–30°C < TA < 85°C
SPI mode, VDDIO > 1.8 V
13
MHz
–30°C < TA < 85°C
SPI mode,
1.65V
≤ VDDIO < 1.8V
5
MHz
LOGIC INPUT NRST
VIL
Input low level
–30°C < TA < 85°C
0.5
V
VIH
Input high level
–30°C < TA < 85°C
1.2
V
II
Logic input current
–30°C < TA < 85°C
–1
1
µA
tNRST
Reset pulse width
–30°C < TA < 85°C
10
µs
LOGIC OUTPUT SO
VOL
Output low level
ISO = 3 mA VDDIO > 1.8 V
0.3
V
ISO = 3 mA VDDIO > 1.8 V
–30°C < TA < 85°C
0.5
ISO = 2 mA, 1.65V ≤ VDDIO < 1.8 V
0.3
ISO = 2 mA, 1.65V ≤ VDDIO < 1.8 V
–30°C < TA < 85°C
0.5
VOH
Output high level
ISO = –3 mA, VDDIO > 1.8 V
VDDIO –
0.3
V
ISO = –3 mA, VDDIO > 1.8 V
–30°C < TA < 85°C
VDDIO –
0.5
ISO = –2 mA, 1.65V ≤ VDDIO < 1.8 V
VDDIO –
0.3
ISO = –2 mA, 1.65V ≤ VDDIO < 1.8 V
–30°C < TA < 85°C
VDDIO –
0.5
IL
Output leakage current
VSO = 2.8 V, –30°C < TA < 85°C
1
µA
LOGIC OUTPUT SDA
VOL
Output low level
ISDA = 3 mA
0.3
V
ISDA = 3 mA, –30°C < TA < 85°C
0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com