Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP55281 Datasheet(PDF) 10 Page - Texas Instruments

Part # LP55281
Description  LP55281 12-Channel RGB/White-LED Drive With SPI, I2C Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP55281 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP55281 Datasheet HTML 6Page - Texas Instruments LP55281 Datasheet HTML 7Page - Texas Instruments LP55281 Datasheet HTML 8Page - Texas Instruments LP55281 Datasheet HTML 9Page - Texas Instruments LP55281 Datasheet HTML 10Page - Texas Instruments LP55281 Datasheet HTML 11Page - Texas Instruments LP55281 Datasheet HTML 12Page - Texas Instruments LP55281 Datasheet HTML 13Page - Texas Instruments LP55281 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
SDA
SCL
1
8
2
3
7
6
5
8
10
4
9
1
7
10
LP55281
SNVS458D – JUNE 2007 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: LP55281
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
(1)
Data ensured by design.
6.7 I2C Timing Requirements
VDD1,2 = 3 V to 4.5 V, VDDIO = 1.65 V to VDD1,2
(1)
MIN
MAX
UNIT
1
Hold time (repeated) START condition
0.6
µs
2
Clock low time
1.3
µs
3
Clock high time
600
ns
4
Setup time for a repeated START Condition
600
ns
5
Data hold time
50
ns
6
Data setup time
100
ns
7
Rise time of SDA and SCL
20 + 0.1Cb
300
ns
8
Fall time of SDA and SCL
15 + 0.1Cb
300
ns
9
Set-up time for STOP condition
600
ns
10
Bus free time between a STOP and a START condition
1.3
µs
Cb
Capacitive load for each bus line
10
200
pF
Figure 2. I2C Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com