Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP55281 Datasheet(PDF) 7 Page - Texas Instruments

Part # LP55281
Description  LP55281 12-Channel RGB/White-LED Drive With SPI, I2C Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP55281 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP55281 Datasheet HTML 3Page - Texas Instruments LP55281 Datasheet HTML 4Page - Texas Instruments LP55281 Datasheet HTML 5Page - Texas Instruments LP55281 Datasheet HTML 6Page - Texas Instruments LP55281 Datasheet HTML 7Page - Texas Instruments LP55281 Datasheet HTML 8Page - Texas Instruments LP55281 Datasheet HTML 9Page - Texas Instruments LP55281 Datasheet HTML 10Page - Texas Instruments LP55281 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
7
LP55281
www.ti.com
SNVS458D – JUNE 2007 – REVISED OCTOBER 2016
Product Folder Links: LP55281
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Unless otherwise noted, specifications apply to Functional Block Diagram with: VVDD1 = VVDD2 = 3.6 V, VVDDIO = 2.8 V, CV
DD =
CVDDIO = 100 nF, COUT = CIN = 10 µF, CV
DDA= 1 µF, C
REF = 100 nF, L1 = 4.7 µH, RRGB = 8.2 kΩ and RRT = 82 kΩ, and limits are
for TJ = 25°C.
(1)(2) (3).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(5)
When VIN rises above VOUT + VSchottky, VOUT starts to follow the VIN voltage rise so that VOUT = VIN – VSchottky.
(6)
Data ensured by design.
MAGNETIC BOOST DC-DC CONVERTER ELECTRICAL CHARACTERISTICS
ILOAD
Recommended load current
3 V
≤ VIN
VOUT = 5 V
0
300
mA
3 V
≤ VIN
VOUT = 4 V
0
400
mA
VOUT
Output voltage accuracy
(FB pin)
3 V
≤ VIN ≤ VOUT – 0.5 V
VOUT = 5 V
–30°C < TA < 85°C
–5%
5%
Output voltage (FB pin)
1 mA
≤ ILOAD ≤ 300 mA
VIN > VOUT + VSchottky
(5)
VIN –
VSchottky
V
RDSON
Switch ON resistance
VDD1,2 = 3 V, ISW = 0.5 A
0.4
Ω
VDD1,2 = 3 V, ISW = 0.5 A
–30°C < TA < 85°C
0.8
fBoost
PWM mode switching
frequency
RT = 82 k
Ω
freq_sel[2:0] = 1XX
2
MHz
Frequency accuracy
2.7 V
≤ VDDA ≤ 2.9 V
RT = 82 k
Ω ± 1%
–7%
±3%
7%
2.7 V
≤ VDDA ≤ 2.9 V
RT = 82 k
Ω ± 1%
–30°C < TA < 85°C
–10%
10%
tPULSE
Switch pulse minimum width
no load
30
ns
t
START-UP
Start-up time
Boost start-up from STANDBY(6)
10
ms
ISW_MAX
SW pin current limit
700
800
900
mA
–30°C < TA < 85°C
550
950
RGB DRIVER ELECTRICAL CHARACTERISTICS (R1-4, G1-4, B1-4)
Ileakage
R1-4, G1-4, B1-4 pin leakage
current
5.5 V at measured pin
0.1
µA
5.5 V at measured pin
–30°C < TA < 85°C
1
IRGB
Maximum recommended sink
current
Limited with external resistor RRGB
–30°C < TA < 85°C
40
mA
Accuracy at 15 mA
RRGB = 8.2 kΩ ± 1%
±5%
Current mirror ratio
See(6)
1 : 100
RGB1-4 current mismatch
IRGB = 15 mA
±5%
fPWM
RGB switching frequency
Accuracy defined by internal oscillator,
frequency value selectable
fPWM
AUDIO SYNCHRONIZATION INPUT ELECTRICAL CHARACTERISTICS
ZIN
Input Impedance of ASE1,
ASE2
See(6)
10
15
k
Ω
AIN
ASE1, ASE2 audio input
level range (peak-to-peak)
Min input level needs maximum gain; Max
input level for minimum gain
0
1600
mV
ALED DRIVER ELECTRICAL CHARACTERISTICS
Ileakage
Leakage current
VALED = 5.5 V
0.03
µA
VALED = 5.5 V
–30°C < TA < 85°C
1
IALED
ALED current tolerance
IALED set to 13.2 mA
13.2
mA
IALED set to 13.2 mA
–30°C < TA < 85°C
11.9
14.5
mA
–10%
10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com