Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP55281 Datasheet(PDF) 12 Page - Texas Instruments

Part # LP55281
Description  LP55281 12-Channel RGB/White-LED Drive With SPI, I2C Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP55281 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP55281 Datasheet HTML 8Page - Texas Instruments LP55281 Datasheet HTML 9Page - Texas Instruments LP55281 Datasheet HTML 10Page - Texas Instruments LP55281 Datasheet HTML 11Page - Texas Instruments LP55281 Datasheet HTML 12Page - Texas Instruments LP55281 Datasheet HTML 13Page - Texas Instruments LP55281 Datasheet HTML 14Page - Texas Instruments LP55281 Datasheet HTML 15Page - Texas Instruments LP55281 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
0.0
120.0
240.0
360.0
480.0
600.0
VOLTAGE (V)
24.0
19.2
14.4
9.6
4.8
0.0
RRGB = 5.3 kÖ
T = -40°C
T = 25°C
T = 85°C
24.0
19.2
14.4
9.6
4.8
0.0
12
LP55281
SNVS458D – JUNE 2007 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: LP55281
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
6.9 RGB Driver Typical Characteristics
Figure 8. Output Current vs Pin Voltage
(Current Sink Mode)
Figure 9. Output Current vs RRGB
(Current Sink Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com