Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA326 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STA326
Description  2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA326 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STA326 Datasheet HTML 9Page - STMicroelectronics STA326 Datasheet HTML 10Page - STMicroelectronics STA326 Datasheet HTML 11Page - STMicroelectronics STA326 Datasheet HTML 12Page - STMicroelectronics STA326 Datasheet HTML 13Page - STMicroelectronics STA326 Datasheet HTML 14Page - STMicroelectronics STA326 Datasheet HTML 15Page - STMicroelectronics STA326 Datasheet HTML 16Page - STMicroelectronics STA326 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
13/43
STA326
7.3 Serial Data Interface
The STA326 serial audio input was designed to interface with standard digital audio components and to
accept a number of serial data formats. The STA326 always acts as a slave when receiving audio input
from standard digital audio components. Serial data for two channels is provided using 3 input pins: left/
right clock LRCKI (pin 33), serial clock BICKI (pin 31), and serial data 1 & 2 SDI12 (pin 32).
The SAI register (Configuration Register B - 01h, Bits D3-D0) and the SAIFB register (Configuration Reg-
ister B - 01h, Bit D4) are used to specify the serial data format. The default serial data format is I2S, MSB-
First. Available formats are shown in Figure 11 and the tables that follow.
Figure 11. General Serial Input and Output Formats
For example, SAI=1110 and SAIFB=1 would specify Right-Justified 16-bit data, LSB-First.
Table 10 below lists the serial audio input formats supported by STA326 as related to BICKI = 32/48/64fs,
where the sampling rate fs = 32/44.1/48/88.2/96/176.4/192 kHz.
Table 9. First Bit Selection Table
Note: Serial input and output formats are specified distinctly.
SAIFB
Format
0
MSB-First
1
LSB-First
I
2S
Left Justified
LRCLK
Left
Right
SCLK
SDATA
LSB
MSB
LSB
MSB
MSB
LRCLK
Left
Right
SCLK
SDATA
LSB
MSB
LSB
MSB
MSB
Right Justified
LRCLK
Left
Right
SCLK
SDATA
LSB
MSB
LSB
MSB
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com