Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA326 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STA326
Description  2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA326 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STA326 Datasheet HTML 20Page - STMicroelectronics STA326 Datasheet HTML 21Page - STMicroelectronics STA326 Datasheet HTML 22Page - STMicroelectronics STA326 Datasheet HTML 23Page - STMicroelectronics STA326 Datasheet HTML 24Page - STMicroelectronics STA326 Datasheet HTML 25Page - STMicroelectronics STA326 Datasheet HTML 26Page - STMicroelectronics STA326 Datasheet HTML 27Page - STMicroelectronics STA326 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
STA326
24/43
7.9.3
Register – AutoMode AM/Pre-Scale/Bass Management Scale (Address 0Ch)
7.9.3.1AutoMode AM Switching Enable
Table 21. AutoMode AM Switching Frequency Selection
When DDX® is used concurrently with an AM radio tuner, it is advisable to use the AMAM bits to automat-
ically adjust the output PWM switching rate dependent upon the specific radio frequency that the tuner is
receiving. The values used in AMAM are also dependent upon the sample rate determined by the ADC
used.
7.9.3.2AutoMode Crossover Setting
The XO bits are used to either select one of the 15 preset crossover frequency settings or enable the user
to implement custom crossover filters. The preset crossover settings signify the crossover frequency se-
lected for the 2nd order low pass and 1st order high pass filters used on the processing channels. If a dif-
ferent crossover frequency, other than those available, is desired, then the user needs to set XO = 000
and design custom high-pass and low-pass filters. These filters should then be written to the device coef-
ficient RAM using the I2C communication. Please refer to section 8.6.
D7
D6
D5
D4
D3
D2
D1
D0
XO3
XO2
XO1
XO0
AMAM2
AMAM1
AMAM0
AMAME
00000000
BIT
R/W
RST
NAME
DESCRIPTION
0
R/W
0
AMAME
AutoMode AM Enable
0 – Switching Frequency Determined by PWMS Setting
1 – Switching Frequency Determined by AMAM Settings
3…1
R/W
000
AMAM (2…0)
AM Switching Frequency Setting
Default: 000
AMAM (2..0)
48kHz/96kHz Input Fs
44.1kHz/88.2kHz Input Fs
000
0.535MHz – 0.720MHz
0.535MHz – 0.670Mhz
001
0.721MHz – 0.900MHz
0.671MHz – 0.800MHz
010
0.901MHz – 1.100MHz
0.801MHz – 1.000MHz
011
1.101MHz – 1.300MHz
1.001MHz – 1.180MHz
100
1.301MHz – 1.480MHz
1.181MHz – 1.340Mhz
101
1.481MHz – 1.600MHz
1.341MHz – 1.500MHz
110
1.601MHz – 1.700MHz
1.501MHz – 1.700MHz
BIT
R/W
RST
NAME
DESCRIPTION
7…4
R/W
0
XO (3…0)
AutoMode Crossover Frequency Selection
000 – User Defined Crossover coefficients are used
Otherwise – Preset coefficients for the crossover setting desired
Table 22. Crossover Frequency Selection
XO (2..0)
Bass Management - Crossover Frequency
0000
User
0001
80 Hz
0010
100 Hz
0011
120 Hz
0100
140 Hz
0101
160 Hz
0110
180 Hz
0111
200 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com