Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA326 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STA326
Description  2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA326 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STA326 Datasheet HTML 12Page - STMicroelectronics STA326 Datasheet HTML 13Page - STMicroelectronics STA326 Datasheet HTML 14Page - STMicroelectronics STA326 Datasheet HTML 15Page - STMicroelectronics STA326 Datasheet HTML 16Page - STMicroelectronics STA326 Datasheet HTML 17Page - STMicroelectronics STA326 Datasheet HTML 18Page - STMicroelectronics STA326 Datasheet HTML 19Page - STMicroelectronics STA326 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
STA326
16/43
Table 12. DDX® Output Modes
7.4.2
DDX® Variable Compensating Pulse Size
The DDX® variable compensating pulse size is intended to adapt to different power stage ICs. Contact
Apogee applications for support when deciding this function.
7.4.3
DDX® Variable Compensating Pulse Size
The DDX® variable compensating pulse size is not recommended to be used except in special circum-
stances . Contact STMicroelectronics applications for support when deciding this function.
Table 13. DDX® Compensating Pulse
7.5 Configuration Register D (Address 03h)
7.5.1
High-Pass Filter Bypass
The STA326 features an internal digital high-pass filter for the purpose of DC Blocking. The purpose of
this filter is to prevent DC signals from passing through a DDX® amplifier. DC signals can cause speaker
damage.
OM (1,0)
Output Stage – Mode
00
Not Used
01
Not Used
10
STA500/505/508
11
Variable Compensation
BIT
R/W
RST
NAME
DESCRIPTION
6...2
R/W
10000
CSZ (4...0)
Compensating Pulse Size Select
CSZ (4…0)
Compensating Pulse Size
00000
0 Clock period Compensating Pulse Size
00001
1 Clock period Compensating Pulse Size
……
10000
16 Clock period Compensating Pulse Size
……
11111
31 Clock period Compensating Pulse Size
D7
D6
D5
D4
D3
D2
D1
D0
MME
ZDE
DRC
BQL
PSL
DSPB
DEMP
HPB
00
0
0
0
0
0
0
BIT
R/W
RST
NAME
DESCRIPTION
0
R/W
0
HPB
High-Pass Filter Bypass Bit.
0 – AC Coupling High Pass Filter Enabled
1 – AC Coupling High Pass Filter Disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com