Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA326 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STA326
Description  2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA326 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STA326 Datasheet HTML 24Page - STMicroelectronics STA326 Datasheet HTML 25Page - STMicroelectronics STA326 Datasheet HTML 26Page - STMicroelectronics STA326 Datasheet HTML 27Page - STMicroelectronics STA326 Datasheet HTML 28Page - STMicroelectronics STA326 Datasheet HTML 29Page - STMicroelectronics STA326 Datasheet HTML 30Page - STMicroelectronics STA326 Datasheet HTML 31Page - STMicroelectronics STA326 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
STA326
28/43
7.12.2 Limiter 1 Attack/Release Threshold (Address 13h)
7.12.3 Limiter 2 Attack/Release Rate (Address 14h)
7.12.4 Limiter 2 Attack/Release Threshold (Address 15h)
7.12.5 Dynamics Control Description
The STA326 includes 2 independent limiter blocks. The purpose of the limiters is to automatically reduce
the dynamic range of a recording to prevent the outputs from clipping in anti-clipping mode, or to actively
reduce the dynamic range for a better listening environment (such as a night-time listening mode, which
is often needed for DVDs.) The two modes are selected via the DRC bit in Configuration Register D, bit
5 address 0x03. Each channel can be mapped to Limiter1, Limiter2, or not mapped.
If a channel is not mapped, that channel will clip normally when 0 dB FS is exceeded. Each limiter will
look at the present value of each channel that is mapped to it, select the maximum absolute value of all
these channels, perform the limiting algorithm on that value, and then if needed adjust the gain of the
mapped channels in unison.
The limiter attack thresholds are determined by the LxAT registers. When the Attack Thesehold has been
exceeded, the limiter, when active, will automatically start reducing the gain. The rate at which the gain
is reduced when the attack threshold is exceeded is dependent upon the attack rate register setting for
that limiter. The gain reduction occurs on a peak-detect algorithm.
The release of limiter, when the gain is again increased, is dependent on a RMS-detect algorithm. The
output of the volume/limiter block is passed through an RMS filter. The output of this filter is compared to
the release threshold, determined by the Release Threshold register.
When the RMS filter output falls below the release threshold, the gain is increased at a rate dependent
upon the Release Rate register. The gain can never be increased past its set value and therefore the
release will only occur if the limiter has already reduced the gain. The release threshold value can be used
to set what is effectively a minimum dynamic range. This is helpful as over-limiting can reduce the dynam-
ic range to virtually zero and cause program material to sound “lifeless”.
In AC mode the attack and release thresholds are set relative to full-scale. In DRC mode the attack thresh-
old is set relative to the maximum volume setting of the channels mapped to that limiter and the release
threshold is set relative to the maximum volume setting plus the attack threshold.
D7
D6
D5
D4
D3
D2
D1
D0
L1AT3
L1AT2
L1AT1
L1AT0
L1RT3
L1RT2
L1RT1
L1RT0
011
0
1
0
0
1
D7
D6
D5
D4
D3
D2
D1
D0
L2A3
L2A2
L2A1
L2A0
L2R3
L2R2
L2R1
L2R0
01101010
D7
D6
D5
D4
D3
D2
D1
D0
L2AT3
L2AT2
L2AT1
L2AT0
L2RT3
L2RT2
L2RT1
L2RT0
011
0
1
0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com