Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA326 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STA326
Description  2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA326 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STA326 Datasheet HTML 17Page - STMicroelectronics STA326 Datasheet HTML 18Page - STMicroelectronics STA326 Datasheet HTML 19Page - STMicroelectronics STA326 Datasheet HTML 20Page - STMicroelectronics STA326 Datasheet HTML 21Page - STMicroelectronics STA326 Datasheet HTML 22Page - STMicroelectronics STA326 Datasheet HTML 23Page - STMicroelectronics STA326 Datasheet HTML 24Page - STMicroelectronics STA326 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
21/43
STA326
7.7.6
External Amplifier Power Down
EAPD is used to actively power down a connected DDX® Power device. This register has to be written to
1 at start-up to enable the DDX® power device for normal operation.
7.8 VOLUME CONTROL
7.8.1
Master Controls
7.8.1.1Master Mute Register (Address 06h)
7.8.1.2Master Volume Register (Address 07h)
Note : Value of volume derived from MVOL is dependent on AMV AutoMode Volume settings.
7.8.2
Channel Controls
7.8.2.1Channel 1 Volume (Address 08h)
7.8.2.2Channel 2 Volume (Address 09h)
7.8.2.3Channel 3 Volume (Address 0Ah)
7.8.3
Volume Description
The volume structure of the STA326 consists of individual volume registers for each of the three channels
and a master volume register, and individual channel volume trim registers. The channel volume settings
BIT
R/W
RST
NAME
DESCRIPTION
7
R/W
0
EAPD
External Amplifier Power Down:
0 – External Power Stage Power Down Active
1 – Normal Operation
D7
D6
D5
D4
D3
D2
D1
D0
MMUTE
0
D7
D6
D5
D4
D3
D2
D1
D0
MV7
MV6
MV5
MV4
MV3
MV2
MV1
MV0
11
11
1
1
1
1
D7
D6
D5
D4
D3
D2
D1
D0
C1V7
C1V6
C1V5
C1V4
C1V3
C1V2
C1V1
C1V0
01100000
D7
D6
D5
D4
D3
D2
D1
D0
C2V7
C2V6
C2V5
C2V4
C2V3
C2V2
C2V1
C2V0
01100000
D7
D6
D5
D4
D3
D2
D1
D0
C3V7
C3V6
C3V5
C3V4
C3V3
C3V2
C3V1
C3V0
01100000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com