Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA326 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STA326
Description  2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA326 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STA326 Datasheet HTML 19Page - STMicroelectronics STA326 Datasheet HTML 20Page - STMicroelectronics STA326 Datasheet HTML 21Page - STMicroelectronics STA326 Datasheet HTML 22Page - STMicroelectronics STA326 Datasheet HTML 23Page - STMicroelectronics STA326 Datasheet HTML 24Page - STMicroelectronics STA326 Datasheet HTML 25Page - STMicroelectronics STA326 Datasheet HTML 26Page - STMicroelectronics STA326 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
23/43
STA326
7.9 AUTOMODE REGISTERS
7.9.1
Register – AutoModes EQ, Volume, GC (Address 0Bh)
Table 18. AutoMode EQ
By setting AMEQ to any setting other than 00 enables AutoMode EQ. When set, biquads 1-4 are not user
programmable. Any coefficient settings for these biquads will be ignored. Also when AutoMode EQ is used
the pre-scale value for channels 1-2 becomes hard-set to –18dB.
Table 19. AutoMode Volume
Table 20. AutoMode Gain Compression/Limiters
7.9.2
AMPS – AutoMode Auto Prescale
D7
D6
D5
D4
D3
D2
D1
D0
AMPS
AMGC1
AMGC0
AMV1
AMV0
AMEQ1
AMEQ0
10
0
0
0
0
0
AMEQ (1,0)
Mode (Biquad 1-4)
00
User Programmable
01
Preset EQ – PEQ bits
10
Auto Volume Controlled Loudness Curve
11
Not used
AMV (1,0)
Mode (MVOL)
00
MVOL 0.5dB 256 Steps (Standard)
01
MVOL Auto Curve 30 Steps
10
MVOL Auto Curve 40 Steps
11
MVOL Auto Curve 50 Steps
AMGC (1...0)
Mode
00
User Programmable GC
01
AC No Clipping
10
AC Limited Clipping (10%)
11
DRC Nighttime Listening Mode
BIT
R/W
RST
NAME
DESCRIPTION
0
R/W
0
AMPS
AutoMode Pre-Scale
0 – -18dB used for Pre-scale when AMEQ /= 00
1 – User Defined Pre-scale when AMEQ /= 00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com