Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA326 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STA326
Description  2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA326 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STA326 Datasheet HTML 15Page - STMicroelectronics STA326 Datasheet HTML 16Page - STMicroelectronics STA326 Datasheet HTML 17Page - STMicroelectronics STA326 Datasheet HTML 18Page - STMicroelectronics STA326 Datasheet HTML 19Page - STMicroelectronics STA326 Datasheet HTML 20Page - STMicroelectronics STA326 Datasheet HTML 21Page - STMicroelectronics STA326 Datasheet HTML 22Page - STMicroelectronics STA326 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
19/43
STA326
7.6.4
AM Mode Enable
The STA326 features a DDX® processing mode that minimizes the amount of noise generated in the fre-
quency range of AM radio. This mode is intended for use when DDX® is operating in a device with an
active AM tuner. The SNR of the DDX® processing is reduced to ~83dB in this mode, which is still greater
than the SNR of AM radio.
7.6.5
PWM Speed Mode
Table 14. PWM Output Speed Selections
7.6.6
Zero-Crossing Volume Enable
The ZCE bit enables zero-crossing volume adjustments. When volume is adjusted on digital zero-cross-
ings no clicks will be audible.
7.6.7
Soft Volume Update Enable
The STA326 includes a soft volume algorithm that will step through the intermediate volume values at a
predetermined rate when a volume change occurs. By setting SVE=0 this can be bypassed and volume
changes will jump from old to new value directly. This feature is only available if individual channel volume
bypass bit is set to ‘0’.
7.7 Configuration Register F (Address 05h)
BIT
R/W
RST
NAME
DESCRIPTION
3
R/W
0
AME
AM Mode Enable:
0 – Normal DDX® operation.
1 – AM reduction mode DDX® operation.
BIT
R/W
RST
NAME
DESCRIPTION
4
R/W
0
PWMS
PWM Speed Selection: Normal or Odd
PWMS (1...0)
PWM Output Speed
0
Normal Speed (384kHz) All Channels
1
Odd Speed (341.3kHz) All Channels
BIT
R/W
RST
NAME
DESCRIPTION
6
R/W
1
ZCE
Zero-Crossing Volume Enable:
1 – Volume adjustments will only occur at digital zero-crossings
0 – Volume adjustments will occur immediately
BIT
R/W
RST
NAME
DESCRIPTION
7
R/W
1
SVE
Soft Volume Enable:
1 – Volume adjustments will use soft volume
0 – Volume adjustments will occur immediately
D7
D6
D5
D4
D3
D2
D1
D0
EAPD
PWDN
ECLE
RES
BCLE
IDE
OCFG1
OCFG0
0
1
011
1
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com