Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA326 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA326
Description  2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA326 Datasheet(HTML) 1 Page - STMicroelectronics

  STA326 Datasheet HTML 1Page - STMicroelectronics STA326 Datasheet HTML 2Page - STMicroelectronics STA326 Datasheet HTML 3Page - STMicroelectronics STA326 Datasheet HTML 4Page - STMicroelectronics STA326 Datasheet HTML 5Page - STMicroelectronics STA326 Datasheet HTML 6Page - STMicroelectronics STA326 Datasheet HTML 7Page - STMicroelectronics STA326 Datasheet HTML 8Page - STMicroelectronics STA326 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
1/43
STA326
May 2006
1FEATURES
Wide supply voltage range (10-36V)
3 Power Output Configurations
– 2x30W + 1x60W, 8
Ω+4Ω @ 10% THD
–2x60W, 8
Ω @ 10% THD
–1x120W, 4
Ω @ 10% THD
Power SO-36 Package
2.1 Channels of 24-Bit DDX®
100dB SNR and Dynamic Range
32kHz to 192kHz Input Sample Rates
Digital Gain/Attenuation +48dB to -80dB in
0.5dB steps
4 x 22-bit User Programmable Biquads (EQ) per
Channel
I
2C Control
2-Channel I
2S Input Data Interface
Individual Channel and Master Gain/
Attenuation
Individual Channel and Master Soft and Hard
Mute
Individual Channel Volume and EQ Bypass
Bass/Treble Tone Control
Dual Independent Programmable Limiters/
Compressors
Automodes™
– 31 Preset EQ Curves
– 15 Preset Crossover Settings
– Auto Volume Controlled Loudness
– 3 Preset Volume Curves
– 2 Preset Anti-Clipping Modes
– Preset Nighttime Listening Mode
–Preset TV AGC
Input and Output Channel Mapping
AM Noise Reduction and PWM Frequency
Shifting Modes
Soft Volume Update and Muting
Auto Zero Detect and Invalid Input Detect
Muting
Over Current and over-temperature protection
with programmable recovery
Thermal warning indicator with programmable
auto output power reduction
Selectable De-emphasis
Post-EQ User Programmable Mix with default
2.1 Bass Management settings
Variable Max Power Correction for lower full-
power THD
4 Output Routing Configurations
Selectable Clock Input Ratio
96kHz Internal Processing Sample Rate, 24 to
28-bit precision
QXpander
Video Application: 576 fs input mode suporting
2DESCRIPTION
The STA326 is an integrated solution of digital au-
dio processing, digital amplifier control, and DDX-
Power Output Stage, thereby creating a high-pow-
er single-chip DDX® solution comprising of high-
quality, high-efficiency, all digital amplification.
The STA326 can be configured via digital control
to operate in several output modes providing up to
2.1 channels of power output to speakers.
This device is capable to deliver up to 2x30W +
1x60W in 2.1 mode or 2x60W in stereo mode.
The IC can also be configured as a single
paralelled full-bridge capable of high-current oper-
ation and 1x120W output.
Also provided in the STA326 are a full assortment
of digital processing features. This includes up to
4 programmable 28-bit biquads (EQ) per channel,
and bass/treble tone control. Automodes™ enable
a time-to-market advantage by substantially re-
ducing the amount of software development need-
ed for certain functions. This includes Auto
2.1 HIGH EFFICIENCY
DIGITAL AUDIO SYSTEM
Rev. 2
Figure 1. Package
Table 1. Order Codes
Part Number
Package
STA326
PowerSO36 (Slug up)
STA32613TR
Tape & Reel
PowerSO36 (Slug up)


Similar Part No. - STA326

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA326 STMICROELECTRONICS-STA326 Datasheet
1Mb / 64P
2.1-channel high-efficiency digital audio system
25-Jan-2016
STA32613TR STMICROELECTRONICS-STA32613TR Datasheet
1Mb / 64P
2.1-channel high-efficiency digital audio system
25-Jan-2016
STA326 STMICROELECTRONICS-STA326_V01 Datasheet
1Mb / 64P
2.1-channel high-efficiency digital audio system
25-Jan-2016
More results

Similar Description - STA326

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA323W STMICROELECTRONICS-STA323W Datasheet
782Kb / 41P
2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
Jan-2005
STA323W STMICROELECTRONICS-STA323W_06 Datasheet
811Kb / 71P
2.1 high efficiency digital audio system
15-Nov-2006
STA335BW STMICROELECTRONICS-STA335BW Datasheet
604Kb / 54P
2.1 channels high efficiency digital audio system
20-Dec-2006
STA328 STMICROELECTRONICS-STA328 Datasheet
409Kb / 41P
2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
May-2006
STA333BW STMICROELECTRONICS-STA333BW Datasheet
1Mb / 64P
2.1-channel high-efficiency digital audio system
26-Jul-2007
STA328 STMICROELECTRONICS-STA328_08 Datasheet
782Kb / 57P
2.1-channel high-efficiency digital audio system
13-May-2008
STA323W STMICROELECTRONICS-STA323W_08 Datasheet
1Mb / 77P
2.1-channel high-efficiency digital audio system
22-May-2008
STA335BWS STMICROELECTRONICS-STA335BWS Datasheet
1Mb / 68P
2.1-channel high-efficiency digital audio system
18-Jan-2008
STA339BW STMICROELECTRONICS-STA339BW Datasheet
2Mb / 77P
2.1-channel high-efficiency digital audio system
04-Aug-2010
STA369BW STMICROELECTRONICS-STA369BW Datasheet
2Mb / 88P
Sound Terminal® 2.1-channel high-efficiency digital audio system
21-Jul-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com