Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA326 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STA326
Description  2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA326 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STA326 Datasheet HTML 14Page - STMicroelectronics STA326 Datasheet HTML 15Page - STMicroelectronics STA326 Datasheet HTML 16Page - STMicroelectronics STA326 Datasheet HTML 17Page - STMicroelectronics STA326 Datasheet HTML 18Page - STMicroelectronics STA326 Datasheet HTML 19Page - STMicroelectronics STA326 Datasheet HTML 20Page - STMicroelectronics STA326 Datasheet HTML 21Page - STMicroelectronics STA326 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
STA326
18/43
at the input data to each processing channel after the channel-mapping block. If any channel receives
2048 consecutive zero value samples (regardless of fs) then that individual channel is muted if this func-
tion is enabled.
7.5.8
Sub-Mix Enable
Setting the SME bit enables a scaled-mix of the content from the Sub channel (i.e. channel 3) into the main
Left & Right channels (i.e. channels 1 & 2). The Sub-Mix resides post-volume & gain compression pro-
cessing.
7.6 CONFIGURATION REGISTER E (ADDRESS 04H)
7.6.1
Max Power Correction Variable
By enabling MPC and setting MPCV = 1, the max power correction becomes variable. By adjusting the
MPCC registers (address 0x27-0x28) it becomes possible to adjust the THD at maximum unclipped power
to a lower value for a particular application.
7.6.2
Max Power Correction
Setting the MPC bit corrects the STA500/505/508 power device at high power. This mode will lower the
THD+N of a full STA500 DDX® system at maximum power output and slightly below.
7.6.3
Noise Shaper BandWidth Selection
DDXi-2101 provides the ability to the user to select two types of noise-shaper order. This facilitates the
user to essentially make the appropriate bandwidth selection for their design thereby achieving optimal
noise performance. It is recommended to set NSBW = '1' when the device is initialized via I2C.
BIT
R/W
RST
NAME
DESCRIPTION
7
R/W
0
SME
Sub-Mix Enable:
0 - Sub Mix into Left/Right Disabled
1 - Sub Mix into Left/Right Enabled
D7
D6
D5
D4
D3
D2
D1
D0
SVE
ZCE
RES
PWMS
AME
RES
MPC
MPCV
000
0
0
0
0
0
BIT
R/W
RST
NAME
DESCRIPTION
0
R/W
0
MPCV
Max Power Correction Variable:
0 – Use Standard MPC Coefficient
1 – Use MPCC bits for MPC Coefficient
BIT
R/W
RST
NAME
DESCRIPTION
7
R/W
1
MPC
Max Power Correction:
0 – MPC Disabled
1 – MPC Enabled
BIT
R/W
RST
NAME
DESCRIPTION
2
R/W
0
NSBW
Noise Shaper BandWidth Select
0 – 4th Order Noise Shaper
1 – 3rd Order Noise Shaper



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com