Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252/ML Datasheet(PDF) 196 Page - Microchip Technology

Part # LAN9252/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252/ML Datasheet(HTML) 196 Page - Microchip Technology

Back Button LAN9252/ML Datasheet HTML 192Page - Microchip Technology LAN9252/ML Datasheet HTML 193Page - Microchip Technology LAN9252/ML Datasheet HTML 194Page - Microchip Technology LAN9252/ML Datasheet HTML 195Page - Microchip Technology LAN9252/ML Datasheet HTML 196Page - Microchip Technology LAN9252/ML Datasheet HTML 197Page - Microchip Technology LAN9252/ML Datasheet HTML 198Page - Microchip Technology LAN9252/ML Datasheet HTML 199Page - Microchip Technology LAN9252/ML Datasheet HTML 200Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 329 page
background image
LAN9252
DS00001909A-page 196
 2015 Microchip Technology Inc.
12.0
ETHERCAT
12.1
EtherCAT Functional Overview
The EtherCAT module implements a 3 port EtherCAT slave controller with 4K bytes of Dual Port memory (DPRAM), 4
SyncManagers, 3 Fieldbus Memory Management Units (FMMUs) and a 64-bit Distributed Clock.
Each port receives an Ethernet frame, performs frame checking and forwards it to the next port. Time stamps of received
frames are generated when they are received. The Loop-back function of each port forwards Ethernet frames to the
next logical port if there is either no link at a port, or if the port is not available, or if the loop is closed for that port. The
Loop-back function of port 0 forwards the frames to the EtherCAT Processing Unit. The loop settings can be controlled
by the EtherCAT master.
Packets are forwarded in the following order: Port 0->EtherCAT Processing Unit->Port 1->Port 2.
The EtherCAT Processing Unit (EPU) receives, analyses and processes the EtherCAT data stream. The main purpose
of the EtherCAT Processing unit is to enable and coordinate access to the internal registers and the memory space of
the ESC, which can be addressed both from the EtherCAT master and from the local application. Data exchange
between master and slave application is comparable to a dual-ported memory (process memory), enhanced by special
functions e.g. for consistency checking (SyncManager) and data mapping (FMMU).
Each FMMU performs the task of bitwise mapping of logical EtherCAT system addresses to physical addresses of the
device.
SyncManagers are responsible for consistent data exchange and mailbox communication between EtherCAT master
and slaves. Each SyncManager's direction and mode of operation is configured by the EtherCAT master. Two modes
of operation are available: buffered mode or mailbox mode. In the buffered mode, both the local microcontroller and
EtherCAT master can write to the device concurrently. The buffer within the LAN9252 will always contain the latest data.
If newer data arrives before the old data can be read out, the old data will be dropped. In mailbox mode, access to the
buffer by the local microcontroller and the EtherCAT master is performed using handshakes, guaranteeing that no data
will be dropped.
Distributed Clocks (DC) allow for precisely synchronized generation of output signals and input sampling, as well as
time stamp generation of events.
The EtherCAT chapter consists of the following main sections:
• Section 12.2, "Distributed Clocks," on page 197
• Section 12.3, "PDI Selection and Configuration," on page 198
• Section 12.4, "Digital I/O PDI," on page 198
• Section 12.5, "Host Interface PDI," on page 200
• Section 12.6, "GPIOs," on page 201
• Section 12.7, "User RAM," on page 201
• Section 12.8, "EEPROM Configurable Registers," on page 201
• Section 12.9, "Port Interfaces," on page 202
• Section 12.10, "LEDs," on page 208
• Section 12.11, "EtherCAT CSR and Process Data RAM Access," on page 208
• Section 12.12, "EtherCAT Reset," on page 213
• Section 12.13, "EtherCAT CSR and Process Data RAM Access Registers (Directly Addressable)," on page 214
• Section 12.14, "EtherCAT Core CSR Registers (Indirectly Addressable)," on page 223
Refer to FIGURE 2-2: Internal Block Diagram on page 9 for an overview of the interconnection of the EtherCAT module
within the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com