Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252/ML Datasheet(PDF) 58 Page - Microchip Technology

Part # LAN9252/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252/ML Datasheet(HTML) 58 Page - Microchip Technology

Back Button LAN9252/ML Datasheet HTML 54Page - Microchip Technology LAN9252/ML Datasheet HTML 55Page - Microchip Technology LAN9252/ML Datasheet HTML 56Page - Microchip Technology LAN9252/ML Datasheet HTML 57Page - Microchip Technology LAN9252/ML Datasheet HTML 58Page - Microchip Technology LAN9252/ML Datasheet HTML 59Page - Microchip Technology LAN9252/ML Datasheet HTML 60Page - Microchip Technology LAN9252/ML Datasheet HTML 61Page - Microchip Technology LAN9252/ML Datasheet HTML 62Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 329 page
background image
LAN9252
DS00001909A-page 58
 2015 Microchip Technology Inc.
Note 1:
Register bits designated as NASR are not reset when the DIGITAL_RST bit in the Reset Control Register
(RESET_CTL) is set.
4
IRQ Polarity (IRQ_POL)
When cleared, this bit enables the IRQ line to function as an active low out-
put. When set, the IRQ output is active high. When the IRQ is configured as
an open-drain output (via the IRQ_TYPE bit), this bit is ignored and the inter-
rupt is always active low.
0: IRQ active low output
1: IRQ active high output
R/W
NASR
Note 1
0b
3:2
RESERVED
RO
-
1
IRQ Clock Select (IRQ_CLK_SELECT)
When this bit is set, the crystal clock may be output on the IRQ pin. This is
intended to be used for system debug purposes in order to observe the clock
and not for any functional purpose.
Note:
When using this bit, the IRQ pin should be set to a push-pull driver.
R/W
0b
0
IRQ Buffer Type (IRQ_TYPE)
When this bit is cleared, the IRQ pin functions as an open-drain output for
use in a wired-or interrupt configuration. When set, the IRQ is a push-pull
driver.
Note:
When configured as an open-drain output, the IRQ_POL bit is
ignored and the interrupt output is always active low.
0: IRQ pin open-drain output
1: IRQ pin push-pull driver
R/W
NASR
Note 1
0b
Bits
Description
Type
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com