Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252/ML Datasheet(PDF) 56 Page - Microchip Technology

Part # LAN9252/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252/ML Datasheet(HTML) 56 Page - Microchip Technology

Back Button LAN9252/ML Datasheet HTML 52Page - Microchip Technology LAN9252/ML Datasheet HTML 53Page - Microchip Technology LAN9252/ML Datasheet HTML 54Page - Microchip Technology LAN9252/ML Datasheet HTML 55Page - Microchip Technology LAN9252/ML Datasheet HTML 56Page - Microchip Technology LAN9252/ML Datasheet HTML 57Page - Microchip Technology LAN9252/ML Datasheet HTML 58Page - Microchip Technology LAN9252/ML Datasheet HTML 59Page - Microchip Technology LAN9252/ML Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 329 page
background image
LAN9252
DS00001909A-page 56
 2015 Microchip Technology Inc.
8.2.6
DEVICE READY INTERRUPT
A device ready interrupt is provided in the top-level Interrupt Status Register (INT_STS) and Interrupt Enable Register
(INT_EN). The Device Ready (READY) bit of the Interrupt Status Register (INT_STS) indicates that the device is ready
to be accessed after a power-up or reset condition. Writing a 1 to this bit in the Interrupt Status Register (INT_STS) will
clear it.
In order for a device ready interrupt event to trigger the external IRQ interrupt pin, the Device Ready Enable
(READY_EN) bit of the Interrupt Enable Register (INT_EN) must be set and the IRQ output must be enabled via the
IRQ Enable (IRQ_EN) bit of the Interrupt Configuration Register (IRQ_CFG).
8.2.7
CLOCK OUTPUT TEST MODE
In order to facilitate system level debug, the crystal clock can be enabled onto the IRQ pin by setting the IRQ Clock
Select (IRQ_CLK_SELECT) bit of the Interrupt Configuration Register (IRQ_CFG).
The IRQ pin should be set to a push-pull driver by using the IRQ Buffer Type (IRQ_TYPE) bit for the best result.
8.3
Interrupt Registers
This section details the directly addressable interrupt related System CSRs. These registers control, configure and mon-
itor the IRQ interrupt output pin and the various device interrupt sources. For an overview of the entire directly address-
able register map, refer to Section 5.0, "Register Map," on page 32.
Table 0.1 Interrupt Registers
ADDRESS
REGISTER NAME (SYMBOL)
054h
Interrupt Configuration Register (IRQ_CFG)
058h
Interrupt Status Register (INT_STS)
05Ch
Interrupt Enable Register (INT_EN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com