Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252/ML Datasheet(PDF) 40 Page - Microchip Technology

Part # LAN9252/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252/ML Datasheet(HTML) 40 Page - Microchip Technology

Back Button LAN9252/ML Datasheet HTML 36Page - Microchip Technology LAN9252/ML Datasheet HTML 37Page - Microchip Technology LAN9252/ML Datasheet HTML 38Page - Microchip Technology LAN9252/ML Datasheet HTML 39Page - Microchip Technology LAN9252/ML Datasheet HTML 40Page - Microchip Technology LAN9252/ML Datasheet HTML 41Page - Microchip Technology LAN9252/ML Datasheet HTML 42Page - Microchip Technology LAN9252/ML Datasheet HTML 43Page - Microchip Technology LAN9252/ML Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 329 page
background image
LAN9252
DS00001909A-page 40
 2015 Microchip Technology Inc.
A RST# pin reset typically takes approximately 760
s.
Please refer to Table 3-13, “Miscellaneous Pin Descriptions,” on page 27 for a description of the RST# pin.
6.2.1.3
EtherCAT System Reset
An EtherCAT system reset, initiated by a special sequence of three independent and consecutive frames/commands,
is functionally identical to a RST# pin reset, except that during an EtherCAT system reset, the RST# pin becomes an
open-drain output and is asserted for the minimum required time of 80 ms.
The RST# is an open-drain output intended to be wired OR’d into the system reset.
6.2.2
BLOCK-LEVEL RESETS
The block level resets contain an assortment of reset register bit inputs and generate resets for the various blocks. Block
level resets can affect one or multiple modules.
6.2.2.1
Multi-Module Resets
Multi-module resets activate multiple internal resets, but do not reset the entire chip. Configuration straps are not latched
upon multi-module resets. A multi-module reset is initiated by assertion of the following:
• DIGITAL RESET (DIGITAL_RST)
Multi-module reset/configuration completion can be determined by first polling the Byte Order Test Register
(BYTE_TEST). The returned data will be invalid until the Host interface resets are complete. Once the returned data is
the correct byte ordering value, the Host interface resets have completed.
The completion of the entire chip-level reset must be determined by polling the READY bit of the Hardware Configura-
tion Register (HW_CFG) or Power Management Control Register (PMT_CTRL) until it is set. When set, the READY bit
indicates that the reset has completed and the device is ready to be accessed.
With the exception of the Hardware Configuration Register (HW_CFG),Power Management Control Register (PMT_C-
TRL), Byte Order Test Register (BYTE_TEST), and Reset Control Register (RESET_CTL), read access to any internal
resources should not be done by S/W while the READY bit is cleared. Writes to any address are invalid until the READY
bit is set.
DIGITAL RESET (DIGITAL_RST)
A digital reset is performed by setting the DIGITAL_RST bit of the Reset Control Register (RESET_CTL). A digital reset
will reset all device sub-modules except the Ethernet PHYs. EEPROM loading is performed following this reset. Con-
figuration straps are not latched as a result of a digital reset.
A digital reset typically takes approximately 760
s.
6.2.2.2
Single-Module Resets
A single-module reset will reset only the specified module. Single-module resets do not latch the configuration straps.
A single-module reset is initiated by assertion of the following:
• Port A PHY Reset
• Port B PHY Reset
• EtherCAT Controller Reset
Note:
The RST# pin is pulled-high internally. If unused, this signal can be left unconnected. Do not rely on internal
pull-up resistors to drive signals external to the device.
Note:
The purpose of connecting the RST# pin into the system reset is to perform a complete reset of the Ether-
CAT slave. The EtherCAT master issues this reset in rare and extreme cases when the local microcontrol-
ler is seriously halted and can not be otherwise informed to reinitialize.
Note:
The digital reset does not reset register bits designated as NASR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com