Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252/ML Datasheet(PDF) 79 Page - Microchip Technology

Part # LAN9252/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252/ML Datasheet(HTML) 79 Page - Microchip Technology

Back Button LAN9252/ML Datasheet HTML 75Page - Microchip Technology LAN9252/ML Datasheet HTML 76Page - Microchip Technology LAN9252/ML Datasheet HTML 77Page - Microchip Technology LAN9252/ML Datasheet HTML 78Page - Microchip Technology LAN9252/ML Datasheet HTML 79Page - Microchip Technology LAN9252/ML Datasheet HTML 80Page - Microchip Technology LAN9252/ML Datasheet HTML 81Page - Microchip Technology LAN9252/ML Datasheet HTML 82Page - Microchip Technology LAN9252/ML Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 79
LAN9252
Note 1:
Dual Phase Addressing
Note 2:
Depends on ALEHI / ALELO order.
TABLE 9-1:
MULTIPLEXED ADDRESSING READ CYCLE TIMING VALUES
Symbol
Description
Min
Typ
max
units
tcsale
CS Setup to ALELO, ALEHI Active
Note 3, Note 2
0ns
tcsrd
CS Setup to RD or ENB Active
0
ns
trdcs
CS Hold from RD or ENB Inactive
0
ns
twale
ALELO, ALEHI Pulse Width
10
ns
tadrs
Address Setup to ALELO, ALEHI Inactive
10
ns
tadrh
Address Hold from ALELO, ALEHI Inactive
5
ns
taleale
ALELO Inactive to ALEHI Active
ALEHI Inactive to ALELO Active
Note 1, Note 2
0ns
talerd
ALELO, ALEHI Inactive to RD or ENB Active
Note 2
5ns
trdwrs
RD_WR Setup to ENB Active
Note 4
5ns
trdwrh
RD_WR Hold from ENB Inactive
Note 4
5ns
trdon
RD or ENB to Data Buffer Turn On
0
ns
trddv
RD or ENB Active to Data Valid
30
ns
trddh
Data Output Hold Time from RD or ENB Inactive
0
ns
trddz
Data Buffer Turn Off Time from RD or ENB Inactive
9
ns
tcson
CS to Data Buffer Turn On
0
ns
tcsdv
CS Active to Data Valid
30
ns
tcsdh
Data Output Hold Time from CS Inactive
0
ns
tcsdz
Data Buffer Turn Off Time from CS Inactive
9
ns
taledv
ALELO, ALEHI Inactive to Data Valid
Note 2
35
ns
trd
RD or ENB Active Time
32
ns
trdcyc
RD or ENB Cycle Time
45
ns
trdale
RD or ENB De-assertion Time before Address Phase
13
ns
trdrd
RD or ENB De-assertion Time before Next RD or ENB
Note 5
13
ns
trdwr
RD De-assertion Time before Next WR
Note 5, Note 6
13
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com