Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252/ML Datasheet(PDF) 55 Page - Microchip Technology

Part # LAN9252/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252/ML Datasheet(HTML) 55 Page - Microchip Technology

Back Button LAN9252/ML Datasheet HTML 51Page - Microchip Technology LAN9252/ML Datasheet HTML 52Page - Microchip Technology LAN9252/ML Datasheet HTML 53Page - Microchip Technology LAN9252/ML Datasheet HTML 54Page - Microchip Technology LAN9252/ML Datasheet HTML 55Page - Microchip Technology LAN9252/ML Datasheet HTML 56Page - Microchip Technology LAN9252/ML Datasheet HTML 57Page - Microchip Technology LAN9252/ML Datasheet HTML 58Page - Microchip Technology LAN9252/ML Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 55
LAN9252
In order for an interrupt event to trigger the external IRQ interrupt pin, the desired PHY interrupt event must be enabled
in the corresponding PHY x Interrupt Mask Register (PHY_INTERRUPT_MASK_x), the PHY A Interrupt Event Enable
(PHY_INT_A_EN) and/or PHY B Interrupt Event Enable (PHY_INT_B_EN) bits of the Interrupt Enable Register
(INT_EN) must be set and the IRQ output must be enabled via the IRQ Enable (IRQ_EN) bit of the Interrupt Configura-
tion Register (IRQ_CFG).
For additional details on the Ethernet PHY interrupts, refer to Section 11.2.7, "PHY Interrupts," on page 128.
8.2.2
POWER MANAGEMENT INTERRUPTS
Multiple Power Management Event interrupt sources are provided by the device. The top-level Power Management
Interrupt Event (PME_INT) bit of the Interrupt Status Register (INT_STS) provides indication that a Power Management
interrupt event occurred in the Power Management Control Register (PMT_CTRL).
The Power Management Control Register (PMT_CTRL) provides enabling/disabling and status of all Power Manage-
ment conditions. These include energy-detect on the PHYs and Wake-On-LAN (Perfect DA, Broadcast, Wake-up frame
or Magic Packet) detection by PHYs A&B.
In order for a Power Management interrupt event to trigger the external IRQ interrupt pin, the desired Power Manage-
ment interrupt event must be enabled in the Power Management Control Register (PMT_CTRL), the Power Manage-
ment Event Interrupt Enable (PME_INT_EN) bit of the Interrupt Enable Register (INT_EN) must be set and the IRQ
output must be enabled via the IRQ Enable (IRQ_EN) bit 8 of the Interrupt Configuration Register (IRQ_CFG).
The power management interrupts are only a portion of the power management features of the device. For additional
details on power management, refer to Section 6.3, "Power Management," on page 43.
8.2.3
GENERAL PURPOSE TIMER INTERRUPT
A GP Timer (GPT_INT) interrupt is provided in the top-level Interrupt Status Register (INT_STS) and Interrupt Enable
Register (INT_EN). This interrupt is issued when the General Purpose Timer Count Register (GPT_CNT) wraps past
zero to FFFFh and is cleared when the GP Timer (GPT_INT) bit of the Interrupt Status Register (INT_STS) is written
with 1.
In order for a General Purpose Timer interrupt event to trigger the external IRQ interrupt pin, the GPT must be enabled
via the General Purpose Timer Enable (TIMER_EN) bit in the General Purpose Timer Configuration Register
(GPT_CFG), the GP Timer Interrupt Enable (GPT_INT_EN) bit of the Interrupt Enable Register (INT_EN) must be set
and the IRQ output must be enabled via the IRQ Enable (IRQ_EN) bit of the Interrupt Configuration Register
(IRQ_CFG).
For additional details on the General Purpose Timer, refer to Section 15.1, "General Purpose Timer," on page 297.
8.2.4
ETHERCAT INTERRUPT
The top-level EtherCAT Interrupt Event (ECAT_INT) of the Interrupt Status Register (INT_STS) provides indication that
an EtherCAT interrupt event occurred in the AL Event Request Register. The AL Event Mask Register provides
enabling/disabling of all EtherCAT interrupt conditions. The AL Event Request Register provides the status of all Ether-
CAT interrupts.
In order for an EtherCAT interrupt event to trigger the external IRQ interrupt pin, the desired EtherCAT interrupt must
be enabled in the AL Event Mask Register, the EtherCAT Interrupt Event Enable (ECAT_INT_EN) bit of the Interrupt
Enable Register (INT_EN) must be set and the IRQ output must be enabled via the IRQ Enable (IRQ_EN) bit of the
Interrupt Configuration Register (IRQ_CFG).
For additional details on the EtherCAT interrupts, refer to Section 12.0, "EtherCAT," on page 196.
8.2.5
SOFTWARE INTERRUPT
A general purpose software interrupt is provided in the top level Interrupt Status Register (INT_STS) and Interrupt
Enable Register (INT_EN). The Software Interrupt (SW_INT) bit of the Interrupt Status Register (INT_STS) is generated
when the Software Interrupt Enable (SW_INT_EN) bit of the Interrupt Enable Register (INT_EN) changes from cleared
to set (i.e. on the rising edge of the enable). This interrupt provides an easy way for software to generate an interrupt
and is designed for general software usage.
In order for a Software interrupt event to trigger the external IRQ interrupt pin, the IRQ output must be enabled via the
IRQ Enable (IRQ_EN) bit of the Interrupt Configuration Register (IRQ_CFG).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com