Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252/ML Datasheet(PDF) 68 Page - Microchip Technology

Part # LAN9252/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252/ML Datasheet(HTML) 68 Page - Microchip Technology

Back Button LAN9252/ML Datasheet HTML 64Page - Microchip Technology LAN9252/ML Datasheet HTML 65Page - Microchip Technology LAN9252/ML Datasheet HTML 66Page - Microchip Technology LAN9252/ML Datasheet HTML 67Page - Microchip Technology LAN9252/ML Datasheet HTML 68Page - Microchip Technology LAN9252/ML Datasheet HTML 69Page - Microchip Technology LAN9252/ML Datasheet HTML 70Page - Microchip Technology LAN9252/ML Datasheet HTML 71Page - Microchip Technology LAN9252/ML Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 329 page
background image
LAN9252
DS00001909A-page 68
 2015 Microchip Technology Inc.
9.4.3
ETHERCAT PROCESS RAM DATA FIFO ACCESS
9.4.3.1
FIFO Direct Select Access
A FIFO Direct Select signal is provided allows the host system to address the EtherCAT Process RAM Data FIFOs as
if they were a large flat address space. When the FIFO Direct Select signal, which was latched during the address latch
cycle, is active all host write operations are to the EtherCAT Process RAM Write Data FIFO and all host read operations
are from EtherCAT Process RAM Read Data FIFO. Only the lower latched address signals are decoded in order to
select the proper BYTE or WORD. All other address inputs are ignored in this mode. All other operations are the same
(DWORD assembly, FIFO popping, etc.).
The endianness of FIFO Direct Select accesses is determined by the endianness select that was latched during the
address latch cycle.
Burst access when reading EtherCAT Process RAM Read Data FIFO is not supported. However, since the FIFO Direct
Select signal is retained until either a reset event occurs or a new address is loaded, multiple read or write requests can
occur without requiring multiple address latching operations.
9.4.4
MULTIPLEXED ADDRESSING MODE FUNCTIONAL TIMING DIAGRAMS
The following timing diagrams illustrate example multiplexed addressing mode read and write cycles for various
address/data configurations and bus sizes. These diagrams do not cover every supported host bus permutation, but are
selected to detail the main configuration differences (bus size, dual/single phase address latching) within the multiplexed
addressing mode of operation.
The following should be noted for the timing diagrams in this section:
• The diagrams in this section depict active-high ALEHI/ALELO, CS, RD, and WR signals. The polarities of these
signals are selectable via the HBI ALE Polarity, HBI Chip Select Polarity, HBI Read, Read/Write Polarity, and HBI
Write, Enable Polarity bits of the PDI Configuration Register (HBI Modes), respectively. Refer to Section 9.3, "Con-
trol Line Polarity," on page 62 for additional details.
• The diagrams in this section depict little endian byte ordering. However, dynamic big and little endianess are sup-
ported via the endianess signal. Endianess changes only the order of the bytes involved, and not the overall tim-
ing requirements. Refer to Section 9.4.1.4, "Endianness Select to Address / Data Pin Mapping," on page 63 for
additional information.
• The diagrams in Section 9.4.4.1, "Dual Phase Address Latching" and Section 9.4.4.2, "Single Phase Address
Latching" utilize RD and WR signals. Alternative RD_WR and ENB signaling is also supported, as shown in Sec-
tion 9.4.4.3, "RD_WR / ENB Control Mode Examples". The HBI read/write mode is selectable via the HBI Read/
Write Mode bit of the PDI Configuration Register (HBI Modes). The polarities of the RD_WR and ENB signals are
selectable via the HBI Read, Read/Write Polarity and HBI Write, Enable Polarity bits of the PDI Configuration Reg-
ister (HBI Modes).
• Qualification of the ALELO and/or ALEHI with the CS signal is selectable via the HBI ALE Qualification bit of the
PDI Configuration Register (HBI Modes). Refer to Section 9.4.1.1, "Single Phase Address Latching," on page 62
and Section 9.4.1.2, "Dual Phase Address Latching," on page 63 for additional information.
• In dual phase address latching mode, the ALEHI and ALELO cycles can be in any order. Either or both ALELO
and ALEHI cycles maybe skipped and the device retains the last latched address.
• In single phase address latching mode, the ALELO cycle maybe skipped and the device retains the last latched
address.
• For 16 and 8-bit modes, consecutive address cycles must be within the same DWORD until the DWORD is com-
pletely accessed (with the register exceptions noted above). Although BYTEs and WORDs can be accessed in
any order, the diagrams in this section depict accessing the lower address BYTE or WORD first.
Note:
In 8 and 16-bit modes, the ALELO cycle is normally not skipped since sequential BYTEs or WORDs are
accessed in order to satisfy a complete DWORD cycle. However, there are registers for which a single
BYTE or WORD access is allowed, in which case multiple accesses to these registers may be performed
without the need to re-latch the repeated address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com