Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252/ML Datasheet(PDF) 46 Page - Microchip Technology

Part # LAN9252/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252/ML Datasheet(HTML) 46 Page - Microchip Technology

Back Button LAN9252/ML Datasheet HTML 42Page - Microchip Technology LAN9252/ML Datasheet HTML 43Page - Microchip Technology LAN9252/ML Datasheet HTML 44Page - Microchip Technology LAN9252/ML Datasheet HTML 45Page - Microchip Technology LAN9252/ML Datasheet HTML 46Page - Microchip Technology LAN9252/ML Datasheet HTML 47Page - Microchip Technology LAN9252/ML Datasheet HTML 48Page - Microchip Technology LAN9252/ML Datasheet HTML 49Page - Microchip Technology LAN9252/ML Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 329 page
background image
LAN9252
DS00001909A-page 46
 2015 Microchip Technology Inc.
4.
Ensure that the device is in a state where it can safely be placed into a low power mode (all packets transmitted,
receivers disabled, packets processed / flushed, etc.)
5.
Set the PM_SLEEP_EN bit in the Power Management Control Register (PMT_CTRL).
Upon entering any low power mode, the Device Ready (READY) bit in the Hardware Configuration Register (HW_CFG)
and the Power Management Control Register (PMT_CTRL) is forced low.
6.3.4.2
Exiting Low Power Modes
Exiting from a low power mode can be done manually or automatically.
An automatic wake-up will occur based on the events described in Section 6.3.2, "Wake-Up (PME) Notification". Auto-
matic wake-up is enabled with the Power Management Wakeup (PM_WAKE) bit in the Power Management Control
Register (PMT_CTRL).
A manual wake-up is initiated by the host when:
• an HBI write (CS and WR or CS, RD_WR and ENB) is performed to the device. Although all writes are ignored
until the device has been woken and a read performed, the host should direct the write to the Byte Order Test
Register (BYTE_TEST). Writes to any other addresses should not be attempted until the device is awake.
• an SPI/SQI cycle (SCS# low and SCK high) is performed to the device. Although all reads and writes are ignored
until the device has been woken, the host should direct the use a read of the Byte Order Test Register
(BYTE_TEST) to wake the device. Reads and writes to any other addresses should not be attempted until the
device is awake.
To determine when the host interface is functional, the Byte Order Test Register (BYTE_TEST) should be polled. Once
the correct pattern is read, the interface can be considered functional. At this point, the Device Ready (READY) bit in
the Hardware Configuration Register (HW_CFG) or the Power Management Control Register (PMT_CTRL) can be
polled to determine when the device is fully awake.
For both automatic and manual wake-up, the Device Ready (READY) bit will go high once the device is returned to
power savings state D0 and the PLL has re-stabilized. The PM_MODE and PM_SLEEP_EN fields in the Power Man-
agement Control Register (PMT_CTRL) will also clear at this point.
Under normal conditions, the device will wake-up within 2 ms.
Note:
The PM_MODE field cannot be changed at the same time as the PM_SLEEP_EN bit is set and the
PM_SLEEP_EN bit cannot be set at the same time that the PM_MODE field is changed.
Note:
Upon entry into any of the power saving states the host interfaces are not functional.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com