Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252/ML Datasheet(PDF) 65 Page - Microchip Technology

Part # LAN9252/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252/ML Datasheet(HTML) 65 Page - Microchip Technology

Back Button LAN9252/ML Datasheet HTML 61Page - Microchip Technology LAN9252/ML Datasheet HTML 62Page - Microchip Technology LAN9252/ML Datasheet HTML 63Page - Microchip Technology LAN9252/ML Datasheet HTML 64Page - Microchip Technology LAN9252/ML Datasheet HTML 65Page - Microchip Technology LAN9252/ML Datasheet HTML 66Page - Microchip Technology LAN9252/ML Datasheet HTML 67Page - Microchip Technology LAN9252/ML Datasheet HTML 68Page - Microchip Technology LAN9252/ML Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 65
LAN9252
Change on Read Registers and FIFOs
FIFOs or “Change on Read” registers, are updated at the end of the read cycle.
For 16 and 8-bit modes, only one internal read cycle is indicated and occurs for the last byte or word.
Change on Read Live Register Bits
As described above, registers with live bits are held starting at the beginning of the read cycle and those that have mul-
tiple bits that span across BYTES or WORDS are also locked for 16 and 8-bit accesses. Although a H/W event that
occurs during the hold or lock time would still update the live bit(s), the live bit(s) will be affected (cleared, etc.) at the
end of the read cycle and the H/W event would be lost.
In order to prevent this, the individual CSRs defer the H/W event update until after the read or multiple reads.
Register Polling During Reset Or Initialization
Some registers support polling during reset or device initialization to determine when the device is accessible. For these
registers, only one read may be performed without the need to read the other WORD or BYTEs. The same BYTE or
WORD of the register may be re-read repeatedly.
A register that is 16 or 8-bit readable or readable during reset or device initialization, is noted in its register description.
9.4.2.3
Host Endianness
The device supports big and little endian host byte ordering based upon the endianness select that is latched during the
address latch cycle. When the endianness select is low, host access is little endian and when high, host access is big
endian. In a typical application the endianness select is connected to a high-order address line, making endian selection
address-based. This highly flexible interface provides mixed endian access for registers and memory for both PIO and
host DMA access.
All internal busses are 32-bit with little endian byte ordering. Logic within the Host Bus Interface re-orders bytes based
on the appropriate endianness bit, and the state of the least significant address bits.
Data path operations for the supported endian configurations and data bus sizes are illustrated in FIGURE 9-1: Little
Endian Ordering on page 66 and FIGURE 9-2: Big Endian Ordering on page 67.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com