Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252/ML Datasheet(PDF) 94 Page - Microchip Technology

Part # LAN9252/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252/ML Datasheet(HTML) 94 Page - Microchip Technology

Back Button LAN9252/ML Datasheet HTML 90Page - Microchip Technology LAN9252/ML Datasheet HTML 91Page - Microchip Technology LAN9252/ML Datasheet HTML 92Page - Microchip Technology LAN9252/ML Datasheet HTML 93Page - Microchip Technology LAN9252/ML Datasheet HTML 94Page - Microchip Technology LAN9252/ML Datasheet HTML 95Page - Microchip Technology LAN9252/ML Datasheet HTML 96Page - Microchip Technology LAN9252/ML Datasheet HTML 97Page - Microchip Technology LAN9252/ML Datasheet HTML 98Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 329 page
background image
LAN9252
DS00001909A-page 94
 2015 Microchip Technology Inc.
16-BIT WRITE
One of the Index Registers is set as described above. The address is then set to access the corresponding Data Reg-
ister. Data on D[15:0] is written on the trailing edge of WR. The cycle repeats for the upper WORD of the Data Register.
16-BIT READS AND WRITES TO CONSTANT INTERNAL ADDRESS
One of the Index Registers is set as described above. A mix of reads and writes on D[15:0] follows, with each read or
write consisting of an access to both the lower and upper WORDs of the corresponding Data Register.
FIGURE 9-30:
INDEXED ADDRESSING INTERNAL REGISTER DATA ACCESS - 16-BIT WRITE
FIGURE 9-31:
INDEXED ADDRESSING INTERNAL REGISTER DATA ACCESS - 16-BIT READS/
WRITES CONSTANT ADDRESS
CS
RD
WR
INDEX,1'b0
Index 15:8
D[15:8]
A[4:1]
INDEX,1'b1
8'hXX
Index 7:0
D[7:0]
8'hXX
DATA,1'b0
Data 15:8
Data 7:0
DATA,1'b1
Data 31:24
Data 23:16
CS
RD
WR
INDEX,1'b0
Index 15:8
D[15:8]
A[4:1]
INDEX,1'b1
8'hXX
Index 7:0
D[7:0]
8'hXX
DATA,1'b0
Data 15:8
Data 7:0
DATA,1'b1
Data 31:24
Data 23:16
DATA,1'b0
Data 15:8
Data 7:0
DATA,1'b1
Data 31:24
Data 23:16
DATA,1'b0
Data 15:8
Data 7:0
DATA,1'b1
Data 31:24
Data 23:16
DATA,1'b0
Data 15:8
Data 7:0
DATA,1'b1
Data 31:24
Data 23:16
DATA,1'b0
Data 15:8
Data 7:0
DATA,1'b1
Data 31:24
Data 23:16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com