Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252/ML Datasheet(PDF) 214 Page - Microchip Technology

Part # LAN9252/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252/ML Datasheet(HTML) 214 Page - Microchip Technology

Back Button LAN9252/ML Datasheet HTML 210Page - Microchip Technology LAN9252/ML Datasheet HTML 211Page - Microchip Technology LAN9252/ML Datasheet HTML 212Page - Microchip Technology LAN9252/ML Datasheet HTML 213Page - Microchip Technology LAN9252/ML Datasheet HTML 214Page - Microchip Technology LAN9252/ML Datasheet HTML 215Page - Microchip Technology LAN9252/ML Datasheet HTML 216Page - Microchip Technology LAN9252/ML Datasheet HTML 217Page - Microchip Technology LAN9252/ML Datasheet HTML 218Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 329 page
background image
LAN9252
DS00001909A-page 214
 2015 Microchip Technology Inc.
12.13 EtherCAT CSR and Process Data RAM Access Registers (Directly Addressable)
This section details the directly addressable System CSRs, outside of the EtherCAT Core, which are related to the Eth-
erCAT Core. For information on how to access EtherCAT registers, refer to Section 12.11, "EtherCAT CSR and Process
Data RAM Access," on page 208. The EtherCAT Core registers are detailed in Section 12.14, "EtherCAT Core CSR
Registers (Indirectly Addressable)," on page 223.
TABLE 12-13: ETHERCAT PROCESS RAM AND CSR ACCESS REGISTERS
Address
Register Name (Symbol)
000h-01Ch
EtherCAT Process RAM Read Data FIFO (ECAT_PRAM_RD_DATA)
020h-03Ch
EtherCAT Process RAM Write Data FIFO (ECAT_PRAM_WR_DATA)
300h
EtherCAT CSR Interface Data Register (ECAT_CSR_DATA)
304h
EtherCAT CSR Interface Command Register (ECAT_CSR_CMD)
308h
EtherCAT Process RAM Read Address and Length Register (ECAT_PRAM_RD_ADDR_LEN)
30Ch
EtherCAT Process RAM Read Command Register (ECAT_PRAM_RD_CMD)
310h
EtherCAT Process RAM Write Address and Length Register (ECAT_PRAM_WR_ADDR_LEN)
314h
EtherCAT Process RAM Write Command Register (ECAT_PRAM_WR_CMD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com