Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252/ML Datasheet(PDF) 241 Page - Microchip Technology

Part # LAN9252/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252/ML Datasheet(HTML) 241 Page - Microchip Technology

Back Button LAN9252/ML Datasheet HTML 237Page - Microchip Technology LAN9252/ML Datasheet HTML 238Page - Microchip Technology LAN9252/ML Datasheet HTML 239Page - Microchip Technology LAN9252/ML Datasheet HTML 240Page - Microchip Technology LAN9252/ML Datasheet HTML 241Page - Microchip Technology LAN9252/ML Datasheet HTML 242Page - Microchip Technology LAN9252/ML Datasheet HTML 243Page - Microchip Technology LAN9252/ML Datasheet HTML 244Page - Microchip Technology LAN9252/ML Datasheet HTML 245Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 241
LAN9252
12.14.23 RUN LED OVERRIDE REGISTER
Offset:
0138h
Size:
8 bits
Bits
Description
ECAT
Type
PDI
Type
Default
7:5
RESERVED
Write 0.
R/W
R/W
000b
4
RUN Override
0:
Override disabled
1:
Override enabled
R/W
R/W
0b
3:0
RUN LED Code
Code
FSM State
0h:
Off
1 - Init
1h-Ch:
Flash 1x-12x 4 - SafeOp 1x
Dh:
Blinking
2 - PreOp
Eh:
Flickering
3 - Bootstrap
Fh:
On
8 - Op
R/W
R/W
0h
Note:
Changes to AL Status Register with valid values will disable RUN Override (bit 4 = 0). The value read in
this register always reflects the current LED output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com