Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252/ML Datasheet(PDF) 264 Page - Microchip Technology

Part # LAN9252/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252/ML Datasheet(HTML) 264 Page - Microchip Technology

Back Button LAN9252/ML Datasheet HTML 260Page - Microchip Technology LAN9252/ML Datasheet HTML 261Page - Microchip Technology LAN9252/ML Datasheet HTML 262Page - Microchip Technology LAN9252/ML Datasheet HTML 263Page - Microchip Technology LAN9252/ML Datasheet HTML 264Page - Microchip Technology LAN9252/ML Datasheet HTML 265Page - Microchip Technology LAN9252/ML Datasheet HTML 266Page - Microchip Technology LAN9252/ML Datasheet HTML 267Page - Microchip Technology LAN9252/ML Datasheet HTML 268Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 329 page
background image
LAN9252
DS00001909A-page 264
 2015 Microchip Technology Inc.
12.14.52 MII MANAGEMENT CONTROL/STATUS REGISTER
Note 25:
Write access depends upon the assignment of the MI interface (ECAT/PDI). Write access is generally
blocked if the MII interface is busy (Busy bit of MII Management Control/Status Register = 1)
Offset:
0510h-0511h
Size:
16 bits
Bits
Description
ECAT
Type
PDI
Type
Default
15
Busy
0:
MI control state machine is idle
1:
MI control state machine is active
RO
RO
0b
14
Command Error
0:
Last command was successful
1:
Invalid command or write command without write enable
Note:
Cleared with a valid command or by writing “00” to
Command Register.
RO
RO
0b
13
Read Error
0:
No read error
1:
Read error occurred (PHY or register bi available)
Note:
Cleared by writing this register.
R/W
Note 25
R/W
Note 25
0b
12:10
RESERVED
RO
RO
0b
9:8
Command Register
Write: Initiate command.
Read: Currently executed command
See Note 26.
Commands:
00:
No command / MI Idle (clear error bits)
01:
Read
10:
Write
11:
RESERVED (do not issue)
R/W
Note 25
R/W
Note 25
00b
7:3
PHY Address Offset
RO
RO
00000b
2
MI Link Detection
(Link configuration, link detection, registers PHY Port Status
Registers)
0:
Not available
1:
MI Link Detection Active
RO
RO
0b
Note 27
1
Management Interface Control
0:
ECAT control only
1:
MPDI control possible (MII Management ECAT Access State
Register and MII Management PDI Access State Register)
RO
RO
1b
0
Write Enable
0:
Write Disabled
1:
Write Enabled
Note:
This bit is always 1 if PDI has MI control. (See
Note 28)
R/W
Note 25
RO
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com