Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252/ML Datasheet(PDF) 303 Page - Microchip Technology

Part # LAN9252/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252/ML Datasheet(HTML) 303 Page - Microchip Technology

Back Button LAN9252/ML Datasheet HTML 299Page - Microchip Technology LAN9252/ML Datasheet HTML 300Page - Microchip Technology LAN9252/ML Datasheet HTML 301Page - Microchip Technology LAN9252/ML Datasheet HTML 302Page - Microchip Technology LAN9252/ML Datasheet HTML 303Page - Microchip Technology LAN9252/ML Datasheet HTML 304Page - Microchip Technology LAN9252/ML Datasheet HTML 305Page - Microchip Technology LAN9252/ML Datasheet HTML 306Page - Microchip Technology LAN9252/ML Datasheet HTML 307Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 303 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 303
LAN9252
16.1.2
BYTE ORDER TEST REGISTER (BYTE_TEST)
This read-only register can be used to determine the byte ordering of the current configuration. Byte ordering is a func-
tion of the host data bus width and endianess. Refer to Section 9.0, "Host Bus Interface," on page 62 for additional infor-
mation on byte ordering.
The BYTE_TEST register can optionally be used as a dummy read register when assuring minimum write-to-read or
read-to-read timing. Refer to Section 9.0, "Host Bus Interface," on page 62 for additional information.
For host interfaces that are disabled during the reset state, the BYTE_TEST register can be used to determine when
the device has exited the reset state.
Note:
This register can be read while the device is in the reset or not ready / power savings states without leaving
the host interface in an intermediate state. If the host interface is in a reset state, returned data may be
invalid. However, during reset, the returned data will not match the normal valid data pattern.
Note:
It is not necessary to read all fours BYTEs of this register. DWORD access rules do not apply to this register.
Offset:
064h
Size:
32 bits
Bits
Description
Type
Default
31:0
Byte Test (BYTE_TEST)
This field reflects the current byte ordering
RO
87654321h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com