Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252/ML Datasheet(PDF) 105 Page - Microchip Technology

Part # LAN9252/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252/ML Datasheet(HTML) 105 Page - Microchip Technology

Back Button LAN9252/ML Datasheet HTML 101Page - Microchip Technology LAN9252/ML Datasheet HTML 102Page - Microchip Technology LAN9252/ML Datasheet HTML 103Page - Microchip Technology LAN9252/ML Datasheet HTML 104Page - Microchip Technology LAN9252/ML Datasheet HTML 105Page - Microchip Technology LAN9252/ML Datasheet HTML 106Page - Microchip Technology LAN9252/ML Datasheet HTML 107Page - Microchip Technology LAN9252/ML Datasheet HTML 108Page - Microchip Technology LAN9252/ML Datasheet HTML 109Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 105
LAN9252
Figure 10-1 illustrates the Enable SQI instruction.
10.2.3.2
Reset SQI
The Reset SQI instruction changes the mode of operation to SPI. This instruction is supported in SPI and SQI bus pro-
tocols with clock frequencies up to 80 MHz.
The SPI/SQI slave interface is selected by first bringing SCS# active. The 8-bit RSTQIO instruction, FFh, is input into
the SI/SIO[0] pin, one bit per clock, in SPI mode and into the SIO[3:0] pins, four bits per clock, in SQI mode. The SCS#
input is brought inactive to conclude the cycle.
Figure 10-2 illustrates the Reset SQI instruction for SPI mode. Figure 10-3 illustrates the Reset SQI instruction for SQI
mode.
FIGURE 10-1:
ENABLE SQI
FIGURE 10-2:
SPI MODE RESET SQI
SPI Enable SQI
SCK (active high)
SI
00
11
0
X
Instruction
0
SO
10
Z
SCK (active low)
SCS#
X
1
2
3
4
5
6
7
8
X
1
2
3
4
5
6
7
8
X
X
X
SPI Mode Reset SQI
SCK (active high)
SI
1111
1
X
Instruction
1
SO
11
Z
SCK (active low)
SCS#
X
1
2
3
4
5
6
7
8
X
1
2
3
4
5
6
7
8
X
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com