Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252/ML Datasheet(PDF) 154 Page - Microchip Technology

Part # LAN9252/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252/ML Datasheet(HTML) 154 Page - Microchip Technology

Back Button LAN9252/ML Datasheet HTML 150Page - Microchip Technology LAN9252/ML Datasheet HTML 151Page - Microchip Technology LAN9252/ML Datasheet HTML 152Page - Microchip Technology LAN9252/ML Datasheet HTML 153Page - Microchip Technology LAN9252/ML Datasheet HTML 154Page - Microchip Technology LAN9252/ML Datasheet HTML 155Page - Microchip Technology LAN9252/ML Datasheet HTML 156Page - Microchip Technology LAN9252/ML Datasheet HTML 157Page - Microchip Technology LAN9252/ML Datasheet HTML 158Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 329 page
background image
LAN9252
DS00001909A-page 154
 2015 Microchip Technology Inc.
11.2.16.7
PHY x Auto-Negotiation Expansion Register (PHY_AN_EXP_x)
This read/write register is used in the Auto-Negotiation process between the link partner and the PHY.
Index (decimal): 6
Size:
16 bits
Bits
Description
Type
Default
15:7
RESERVED
RO
-
6
Receive Next Page Location Able
0 = Received next page storage location is not specified by bit 6.5
1 = Received next page storage location is specified by bit 6.5
RO
1b
5
Received Next Page Storage Location
0 = Link partner next pages are stored in the
PHY x Auto-Negotiation Link
Partner Base Page Ability Register (PHY_AN_LP_BASE_ABILITY_x) (PHY
register 5)
1 = Link partner next pages are stored in the
PHY x Auto Negotiation Next
Page RX Register (PHY_AN_NP_RX_x) (PHY register 8)
RO
1b
4
Parallel Detection Fault
This bit indicates whether a Parallel Detection Fault has been detected.
0: A fault hasn’t been detected via the Parallel Detection function
1: A fault has been detected via the Parallel Detection function
RO/LH
0b
3
Link Partner Next Page Able
This bit indicates whether the link partner has next page ability.
0: Link partner does not contain next page capability
1: Link partner contains next page capability
RO
0b
2
Next Page Able
This bit indicates whether the local device has next page ability.
0: Local device does not contain next page capability
1: Local device contains next page capability
RO
1b
1
Page Received
This bit indicates the reception of a new page.
0: A new page has not been received
1: A new page has been received
RO/LH
0b
0
Link Partner Auto-Negotiation Able
This bit indicates the Auto-Negotiation ability of the link partner.
0: Link partner is not Auto-Negotiation able
1: Link partner is Auto-Negotiation able
RO
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com