Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252TI/ML Datasheet(PDF) 197 Page - Microchip Technology

Part # LAN9252TI/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252TI/ML Datasheet(HTML) 197 Page - Microchip Technology

Back Button LAN9252TI/ML Datasheet HTML 193Page - Microchip Technology LAN9252TI/ML Datasheet HTML 194Page - Microchip Technology LAN9252TI/ML Datasheet HTML 195Page - Microchip Technology LAN9252TI/ML Datasheet HTML 196Page - Microchip Technology LAN9252TI/ML Datasheet HTML 197Page - Microchip Technology LAN9252TI/ML Datasheet HTML 198Page - Microchip Technology LAN9252TI/ML Datasheet HTML 199Page - Microchip Technology LAN9252TI/ML Datasheet HTML 200Page - Microchip Technology LAN9252TI/ML Datasheet HTML 201Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 197
LAN9252
12.2
Distributed Clocks
The device supports 64-bit distributed clocks as detailed in the following sub-sections.
12.2.1
SYNC/LATCH PIN MULTIPLEXING
The EtherCAT Core provides two input pins (LATCH0 and LATCH1) which are used for time stamping of external
events. Both rising edge and falling edge time stamps are recorded. These pins are shared with the SYNC0 and SYNC1
output pins, respectively, which are used to indicate the occurrence of time events. The functions of the SYNC0/LATCH0
and SYNC1/LATCH1 pins are determined by the SYNC0/LATCH0 Configuration and SYNC1/LATCH1 Configuration
bits of the Sync/Latch PDI Configuration Register, respectively.
When set for SYNC0/SYNC1 functionality, the output type (Push-Pull vs. Open Drain/Source) and output polarity are
determined by the SYNC0 Output Driver/Polarity and SYNC1 Output Driver/Polarity bits of the Sync/Latch PDI Config-
uration Register.
12.2.2
SYNC IRQ MAPPING
The SYNC0 and SYNC1 states can be mapped into the State of DC SYNC0 and State of DC SYNC1 bits of the AL Event
Request Register, respectively. The mapping of the SYNC0 and SYNC1 states is enabled by the SYNC0 Map and
SYNC1 Map bits of the Sync/Latch PDI Configuration Register, respectively.
12.2.3
SYNC PULSE LENGTH
The SYNC0 and SYNC1 pulse length is controlled via the Pulse Length of SyncSignals Register. The Pulse Length of
SyncSignals Register is initialized from the contents of EEPROM. Refer to Section 12.8, "EEPROM Configurable Reg-
isters," on page 201 for additional information.
12.2.4
SYNC/LATCH I/O TIMING REQUIREMENTS
This section specifies the SYNC0/LATCH0 and SYNC1/LATCH1 input and output timings.
Note:
The Sync/Latch PDI Configuration Register is initialized from the contents of EEPROM. Refer to Section
12.8, "EEPROM Configurable Registers," on page 201 for additional information.
Note:
The Sync/Latch PDI Configuration Register is initialized from the contents of EEPROM. Refer to Section
12.8, "EEPROM Configurable Registers," on page 201 for additional information.
FIGURE 12-1:
ETHERCAT SYNC/LATCH TIMING DIAGRAM
TABLE 12-1:
ETHERCAT SYNC/LATCH TIMING VALUES
Symbol
Description
Min
Typ
Max
Units
tdc_latch
Time between LATCH0 or LATCH1 events
15
-
-
ns
tdc_sync_jitter SYNC0 or SYNC1 output jitter
-
-
15
ns
LATCH0/1
SYNC0/1
tdc_latch
tdc_latch
tdc_sync_jitter
tdc_sync_jitter
output event time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com