Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252TI/ML Datasheet(PDF) 200 Page - Microchip Technology

Part # LAN9252TI/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252TI/ML Datasheet(HTML) 200 Page - Microchip Technology

Back Button LAN9252TI/ML Datasheet HTML 196Page - Microchip Technology LAN9252TI/ML Datasheet HTML 197Page - Microchip Technology LAN9252TI/ML Datasheet HTML 198Page - Microchip Technology LAN9252TI/ML Datasheet HTML 199Page - Microchip Technology LAN9252TI/ML Datasheet HTML 200Page - Microchip Technology LAN9252TI/ML Datasheet HTML 201Page - Microchip Technology LAN9252TI/ML Datasheet HTML 202Page - Microchip Technology LAN9252TI/ML Datasheet HTML 203Page - Microchip Technology LAN9252TI/ML Datasheet HTML 204Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 329 page
background image
LAN9252
DS00001909A-page 200
 2015 Microchip Technology Inc.
12.5
Host Interface PDI
The Host Interface PDI is used for systems with a host controller that use either a HBI or SPI chip-level host interface.
The values in the PDI Configuration Register and the Extended PDI Configuration Register reflect the value from
EEPROM. The value in the PDI Configuration Register is used for Host Interface modes to configure the HBI. The value
in the Extended PDI Configuration Register is used if GPIOs are enabled (SPI w/GPIO).
The PDI Configuration Register and Extended PDI Configuration Register are initialized from the contents of the
EEPROM. Refer to Section 12.8, "EEPROM Configurable Registers," on page 201 for additional information.
FIGURE 12-4:
ETHERCAT DIGITAL I/O BI-DIRECTIONAL TIMING DIAGRAM
TABLE 12-2:
ETHERCAT DIGITAL I/O TIMING VALUES
Symbol
Description
Min
Typ
Max
Units
tindatasyncs Input data setup to SYNC0/1 rising
10
-
-
ns
tindatasynch Input data hold from SYNC0/1 rising
0
-
-
ns
tindatalatchs Input data setup to LATCH_IN rising
8
-
-
ns
tindatalatchh Input data hold from LATCH_IN rising
4
-
-
ns
tlatchin
LATCH_IN high time
8
-
-
ns
tlatchindelay time between consecutive input events
440
-
-
ns
tsof
SOF high time
35
-
45
ns
tsofdatav
Input data valid after SOF active, so that input data can be read
in the same frame
--
1.2
s
tsofdatah
Input data hold after SOF active, so that input data can be read
in the same frame
1.6
-
-
s
toutdatas
Output data setup to OUTVALID rising
65
-
-
ns
toutdatah
Output data hold from OUTVALID falling
65
-
-
ns
toutvalid
OUTVALID high time
75
-
85
ns
toutvaliddelay time between consecutive output events
320
-
-
ns
teof
EOF high time
35
-
45
ns
teofdata
Output data valid after EOF
--
35
ns
twd_trig
WD_TRIG high time
35
-
45
ns
twd_trigdata Output data valid after WD_TRIG
--
35
ns
tsyncdata
Output data valid after SYNC0/1
--
25
ns
toe_extdata OE_EXT to data low
0
-
15
ns
tbidirdelay
time between consecutive input or output events
440
-
-
ns
DIGIO[15:0]
OUTVALID
toutdatas
toutvalid
Output Data
Input Data
toutdatah
Input Data
input events
input events
allowed
input events
allowed
no input events
allowed
tbidirdelay
tbidirdelay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com