Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252TI/ML Datasheet(PDF) 209 Page - Microchip Technology

Part # LAN9252TI/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252TI/ML Datasheet(HTML) 209 Page - Microchip Technology

Back Button LAN9252TI/ML Datasheet HTML 205Page - Microchip Technology LAN9252TI/ML Datasheet HTML 206Page - Microchip Technology LAN9252TI/ML Datasheet HTML 207Page - Microchip Technology LAN9252TI/ML Datasheet HTML 208Page - Microchip Technology LAN9252TI/ML Datasheet HTML 209Page - Microchip Technology LAN9252TI/ML Datasheet HTML 210Page - Microchip Technology LAN9252TI/ML Datasheet HTML 211Page - Microchip Technology LAN9252TI/ML Datasheet HTML 212Page - Microchip Technology LAN9252TI/ML Datasheet HTML 213Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 209
LAN9252
The EtherCAT Core Process Data RAM can be accessed indirectly via the EtherCAT CSR Interface Data Register
(ECAT_CSR_DATA) and EtherCAT CSR Interface Command Register (ECAT_CSR_CMD), starting at 1000h. The Eth-
erCAT Core Process Data RAM can also be accessed more efficiently using the EtherCAT Process RAM Read Data
FIFO (ECAT_PRAM_RD_DATA) and EtherCAT Process RAM Write Data FIFO (ECAT_PRAM_WR_DATA). This
method provides for multiple DWORDS to be transferred via a FIFO mechanism using a single command and fewer
status reads.
12.11.1
ETHERCAT CSR READS
To perform a read of an individual EtherCAT Core register, the read cycle must be initiated by performing a single write
to the EtherCAT CSR Interface Command Register (ECAT_CSR_CMD) with the CSR Busy (CSR_BUSY) bit set, the
CSR Address (CSR_ADDR) field set to the desired register address, the Read/Write (R_nW) bit set and the CSR Size
(CSR_SIZE) field set to the desired size.
Valid data is available for reading when the CSR Busy (CSR_BUSY) bit is cleared, indicating that the data can be read
from the EtherCAT CSR Interface Data Register (ECAT_CSR_DATA).
Valid data is always aligned into the lowest bits of the EtherCAT CSR Interface Data Register (ECAT_CSR_DATA).
Figure 12-10 illustrates the process required to perform a EtherCAT Core CSR read. Minimum wait periods are required
where noted. The minimum wait periods as specified in Table 5-2, “Read After Write Timing Rules,” on page 35 are
required where noted.
Note:
All bytes of the EtherCAT CSR Interface Data Register (ECAT_CSR_DATA) are updated regardless of the
value of CSR Size (CSR_SIZE).
FIGURE 12-10:
ETHERCAT CSR READ ACCESS FLOW DIAGRAM
Idle
Write
Command
Register
Read
Command
Register
Read Data
Register
CSR_ BUSY =0
CSR Read
CSR_ BUSY = 1
min wait period



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com