Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252TI/ML Datasheet(PDF) 211 Page - Microchip Technology

Part # LAN9252TI/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252TI/ML Datasheet(HTML) 211 Page - Microchip Technology

Back Button LAN9252TI/ML Datasheet HTML 207Page - Microchip Technology LAN9252TI/ML Datasheet HTML 208Page - Microchip Technology LAN9252TI/ML Datasheet HTML 209Page - Microchip Technology LAN9252TI/ML Datasheet HTML 210Page - Microchip Technology LAN9252TI/ML Datasheet HTML 211Page - Microchip Technology LAN9252TI/ML Datasheet HTML 212Page - Microchip Technology LAN9252TI/ML Datasheet HTML 213Page - Microchip Technology LAN9252TI/ML Datasheet HTML 214Page - Microchip Technology LAN9252TI/ML Datasheet HTML 215Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 211
LAN9252
To perform a read of the EtherCAT Process RAM, the read cycle is initiated by first writing the EtherCAT Process RAM
Read Address and Length Register (ECAT_PRAM_RD_ADDR_LEN) with the starting byte address and length (in
bytes) of the desired transfer followed by a write to the EtherCAT Process RAM Read Command Register
(ECAT_PRAM_RD_CMD) with the PRAM Read Busy (PRAM_READ_BUSY) bit set.
Valid data, as indicated by the PRAM Read Data Available (PRAM_READ_AVAIL) bit in the EtherCAT Process RAM
Read Command Register (ECAT_PRAM_RD_CMD) is read from the FIFO through the EtherCAT Process RAM Read
Data FIFO (ECAT_PRAM_RD_DATA). The PRAM Read Data Available Count (PRAM_READ_AVAIL_CNT) field indi-
cates how many reads can be performed without needing to check the status again. Following the final read of the Eth-
erCAT Process RAM Read Data FIFO (ECAT_PRAM_RD_DATA), the PRAM Read Busy (PRAM_READ_BUSY) self-
clears.
As the data is transferred from the EtherCAT Core into the FIFO the PRAM Read Length (PRAM_READ_LEN) and
PRAM Read Address (PRAM_READ_ADDR) are updated to show the progress.
Based on the starting address, the valid bytes in the first FIFO read are as follows:
Based on the starting address and length, the valid bytes in the last FIFO read are as follows:
Note:
The starting byte address and length must be programmed with valid values such that all transfers are
within the bounds of the Process RAM address range of 1000h to 1FFFh.
Note:
The final read of the EtherCAT Process RAM Read Data FIFO (ECAT_PRAM_RD_DATA) implies that all
four bytes have been read, even if not all bytes are required.
TABLE 12-7:
ETHERCAT PROCESS RAM VALID FIRST READ BYTES
Starting Address[1:0]
00b
bytes 3, 2, 1 and 0
01b
bytes 3, 2 and 1
10b
bytes 3 and 2
11b
byte 3
TABLE 12-8:
ETHERCAT PROCESS RAM VALID LAST READ BYTES
Starting Length[1:0]
Starting
Address[1:0]
01b (e.g. 5, 9, etc.)
10b (e.g. 6, 10, etc.)
11b (e.g. 7, 11, etc.)
00b (e.g. 8, 12, etc.)
00b
byte 0
bytes 1 and 0
bytes 2, 1 and 0
bytes 3, 2, 1 and 0
01b
bytes 1 and 0
bytes 2, 1 and 0
bytes 3, 2, 1 and 0
byte 0
10b
bytes 2, 1 and 0
bytes 3, 2, 1 and 0
byte 0
bytes 1 and 0
11b
bytes 3, 2, 1 and 0
byte 0
bytes 1 and 0
bytes 2, 1 and 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com