Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252TI/ML Datasheet(PDF) 140 Page - Microchip Technology

Part # LAN9252TI/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252TI/ML Datasheet(HTML) 140 Page - Microchip Technology

Back Button LAN9252TI/ML Datasheet HTML 136Page - Microchip Technology LAN9252TI/ML Datasheet HTML 137Page - Microchip Technology LAN9252TI/ML Datasheet HTML 138Page - Microchip Technology LAN9252TI/ML Datasheet HTML 139Page - Microchip Technology LAN9252TI/ML Datasheet HTML 140Page - Microchip Technology LAN9252TI/ML Datasheet HTML 141Page - Microchip Technology LAN9252TI/ML Datasheet HTML 142Page - Microchip Technology LAN9252TI/ML Datasheet HTML 143Page - Microchip Technology LAN9252TI/ML Datasheet HTML 144Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 329 page
background image
LAN9252
DS00001909A-page 140
 2015 Microchip Technology Inc.
11.2.13
LOOPBACK OPERATION
The PHYs may be configured for near-end loopback and connector loopback. These loopback modes are detailed in
the following subsections.
11.2.13.1
Near-end Loopback
Near-end loopback mode sends the digital transmit data back out the receive data signals for testing purposes, as indi-
cated by the blue arrows in Figure 11-6. The near-end loopback mode is enabled by setting the Loopback (PHY_LOOP-
BACK) bit of the PHY x Basic Control Register (PHY_BASIC_CONTROL_x) to “1”. A large percentage of the digital
circuitry is operational in near-end loopback mode because data is routed through the PCS and PMA layers into the
PMD sublayer before it is looped back. The COL signal will be inactive in this mode, unless Collision Test Mode
(PHY_COL_TEST) is enabled in the PHY x Basic Control Register (PHY_BASIC_CONTROL_x). The transmitters are
powered down regardless of the state of the internal MII TXEN signal.
11.2.13.2
Connector Loopback
The device maintains reliable transmission over very short cables and can be tested in a connector loopback as shown
in Figure 11-7. An RJ45 loopback cable can be used to route the transmit signals from the output of the transformer
back to the receiver inputs. The loopback works at both 10 and 100 Mbps.
Note:
For a properly terminated cable (Match case), there is no reflected signal. In this case, the TDR Channel
Length field is invalid and should be ignored.
FIGURE 11-6:
NEAR-END LOOPBACK BLOCK DIAGRAM
FIGURE 11-7:
CONNECTION LOOPBACK BLOCK DIAGRAM
10/100
Ethernet
MAC
CAT-5
XFMR
Digital
RXD
TXD
Analog
RX
TX
X
X
10/100
Ethernet
MAC
XFMR
Digital
RXD
TXD
Analog
RX
TX
1
2
3
4
5
6
7
8
RJ45 Loopback Cable.
Created by connecting pin 1 to pin 3
and connecting pin 2 to pin 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com