Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252TI/ML Datasheet(PDF) 142 Page - Microchip Technology

Part # LAN9252TI/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252TI/ML Datasheet(HTML) 142 Page - Microchip Technology

Back Button LAN9252TI/ML Datasheet HTML 138Page - Microchip Technology LAN9252TI/ML Datasheet HTML 139Page - Microchip Technology LAN9252TI/ML Datasheet HTML 140Page - Microchip Technology LAN9252TI/ML Datasheet HTML 141Page - Microchip Technology LAN9252TI/ML Datasheet HTML 142Page - Microchip Technology LAN9252TI/ML Datasheet HTML 143Page - Microchip Technology LAN9252TI/ML Datasheet HTML 144Page - Microchip Technology LAN9252TI/ML Datasheet HTML 145Page - Microchip Technology LAN9252TI/ML Datasheet HTML 146Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 329 page
background image
LAN9252
DS00001909A-page 142
 2015 Microchip Technology Inc.
11.2.15
REQUIRED ETHERNET MAGNETICS (100BASE-TX)
The magnetics selected for use with the device should be an Auto-MDIX style magnetic, which is widely available from
several vendors. Please review the SMSC/Microchip Application note 8.13 “Suggested Magnetics” for the latest quali-
fied and suggested magnetics. A list of vendors and part numbers are provided within the application note.
11.2.16
PHY REGISTERS
PHYs A and B are comparable in functionality and have an identical set of non-memory mapped registers. These reg-
isters are indirectly accessed through the MII Management Control/Status Register, PHY Address Register, PHY Reg-
ister Address Register, PHY DATA Register, MII Management ECAT Access State Register, and MII Management ECAT
Access State Register.
Because PHY A and B registers are functionally identical, their register descriptions have been consolidated. A lower-
case “x” has been appended to the end of each PHY register name in this section, where “x” hold be replaced with “A”
or “B” for the PHY A or PHY B registers respectively. In some instances, a “1” or a “2” may be appropriate instead.
A list of the MII serial accessible Control and Status registers and their corresponding register index numbers is included
in Table 11-11. Each individual PHY is assigned a unique PHY address as detailed in Section 11.1.1, "PHY Addressing,"
on page 120.
In addition to the MII serial accessible Control and Status registers, a set of indirectly accessible registers provides sup-
port for the IEEE 802.3 Section 45.2 MDIO Manageable Device (MMD) Registers. A list of these registers and their cor-
responding register index numbers is included in Table 11-14.
Control and Status Registers
Table 11-11 provides a list of supported registers. Register details, including bit definitions, are provided in the following
subsections.
Unless otherwise specified, reserved fields must be written with zeros if the register is written.
TABLE 11-10: 100BASE-FX LOS, SD AND TP COPPER SELECTION PHY B
FXLOSEN
FXSDENB
PHY Mode
<1 V (typ.)
<1 V (typ.)
TP copper
>1 V (typ.)
100BASE-FX Signal Detect
>2 V (typ.)
n/a
100BASE-FX LOS
TABLE 11-11: PHY A AND B MII SERIALLY ACCESSIBLE CONTROL AND STATUS REGISTERS
Index
Register Name (SYMBOL)
Group
0
PHY x Basic Control Register (PHY_BASIC_CONTROL_x)
Basic
1
PHY x Basic Status Register (PHY_BASIC_STATUS_x)
Basic
2
PHY x Identification MSB Register (PHY_ID_MSB_x)
Extended
3
PHY x Identification LSB Register (PHY_ID_LSB_x)
Extended
4
PHY x Auto-Negotiation Advertisement Register (PHY_AN_ADV_x)
Extended
5
PHY x Auto-Negotiation Link Partner Base Page Ability Register
(PHY_AN_LP_BASE_ABILITY_x)
Extended
6
PHY x Auto-Negotiation Expansion Register (PHY_AN_EXP_x)
Extended
7
PHY x Auto Negotiation Next Page TX Register (PHY_AN_NP_TX_x)
Extended
8
PHY x Auto Negotiation Next Page RX Register (PHY_AN_NP_RX_x)
Extended



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com