Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252TI/ML Datasheet(PDF) 159 Page - Microchip Technology

Part # LAN9252TI/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252TI/ML Datasheet(HTML) 159 Page - Microchip Technology

Back Button LAN9252TI/ML Datasheet HTML 155Page - Microchip Technology LAN9252TI/ML Datasheet HTML 156Page - Microchip Technology LAN9252TI/ML Datasheet HTML 157Page - Microchip Technology LAN9252TI/ML Datasheet HTML 158Page - Microchip Technology LAN9252TI/ML Datasheet HTML 159Page - Microchip Technology LAN9252TI/ML Datasheet HTML 160Page - Microchip Technology LAN9252TI/ML Datasheet HTML 161Page - Microchip Technology LAN9252TI/ML Datasheet HTML 162Page - Microchip Technology LAN9252TI/ML Datasheet HTML 163Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 159
LAN9252
11.2.16.12 PHY x EDPD NLP / Crossover Time / EEE Configuration Register (PHY_EDPD_CFG_x)
This register is used to Enable EEE functionality and control NLP pulse generation and the Auto-MDIX Crossover Time
of the PHY.
Index (decimal): 16
Size:
16 bits
Bits
Description
Type
Default
15
EDPD TX NLP Enable
Enables the generation of a Normal Link Pulse (NLP) with a selectable inter-
val while in Energy Detect Power-Down. 0=disabled, 1=enabled.
The Energy Detect Power-Down (EDPWRDOWN) bit in the PHY x Mode
Control/Status Register (PHY_MODE_CONTROL_STATUS_x) needs to be
set in order to enter Energy Detect Power-Down mode and the PHY needs to
be in the Energy Detect Power-Down state in order for this bit to generate the
NLP.
The EDPD TX NLP Independent Mode bit of this register also needs to be set
when setting this bit.
R/W
NASR
Note 7
0b
14:13
EDPD TX NLP Interval Timer Select
Specifies how often a NLP is transmitted while in the Energy Detect Power-
Down state.
00b: 1 s
01b: 768 ms
10b: 512 ms
11b: 256 ms
R/W
NASR
Note 7
00b
12
EDPD RX Single NLP Wake Enable
When set, the PHY will wake upon the reception of a single Normal Link
Pulse. When clear, the PHY requires two link pluses, within the interval spec-
ified below, in order to wake up.
Single NLP Wake Mode is recommended when connecting to “Green” net-
work devices.
R/W
NASR
Note 7
0b
11:10
EDPD RX NLP Max Interval Detect Select
These bits specify the maximum time between two consecutive Normal Link
Pulses in order for them to be considered a valid wake up signal.
00b: 64 ms
01b: 256 ms
10b: 512 ms
11b: 1 s
R/W
NASR
Note 7
00b
9:4
RESERVED
RO
-
3
EDPD TX NLP Independent Mode
When set, each PHY port independently detects power down for purposes of
the EDPD TX NLP function (via the EDPD TX NLP Enable bit of this register).
When cleared, both ports need to be in a power-down state in order to gener-
ate TX NLPs during energy detect power-down.
Normally set this bit when setting EDPD TX NLP Enable.
R/W
NASR
Note 7
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com