Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9252TI/ML Datasheet(PDF) 161 Page - Microchip Technology

Part # LAN9252TI/ML
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252TI/ML Datasheet(HTML) 161 Page - Microchip Technology

Back Button LAN9252TI/ML Datasheet HTML 157Page - Microchip Technology LAN9252TI/ML Datasheet HTML 158Page - Microchip Technology LAN9252TI/ML Datasheet HTML 159Page - Microchip Technology LAN9252TI/ML Datasheet HTML 160Page - Microchip Technology LAN9252TI/ML Datasheet HTML 161Page - Microchip Technology LAN9252TI/ML Datasheet HTML 162Page - Microchip Technology LAN9252TI/ML Datasheet HTML 163Page - Microchip Technology LAN9252TI/ML Datasheet HTML 164Page - Microchip Technology LAN9252TI/ML Datasheet HTML 165Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 161
LAN9252
11.2.16.13 PHY x Mode Control/Status Register (PHY_MODE_CONTROL_STATUS_x)
This read/write register is used to control and monitor various PHY configuration options.
Note 8:
Register bits designated as NASR are reset when the PHY Reset is generated via the Reset Control Reg-
ister (RESET_CTL). The NASR designation is only applicable when the Soft Reset (PHY_SRST) bit of the
PHY x Basic Control Register (PHY_BASIC_CONTROL_x) is set.
Index (decimal): 17
Size:
16 bits
Bits
Description
Type
Default
15:14
RESERVED
RO
-
13
Energy Detect Power-Down (EDPWRDOWN)
This bit controls the Energy Detect Power-Down mode.
0: Energy Detect Power-Down is disabled
1: Energy Detect Power-Down is enabled
Note:
When in EDPD mode, the device’s NLP characteristics can be
modified via the PHY x EDPD NLP / Crossover Time / EEE
Configuration Register (PHY_EDPD_CFG_x).
R/W
0b
12:7
RESERVED
RO
-
6
ALTINT
Alternate Interrupt Mode:
0 = Primary interrupt system enabled (Default)
1 = Alternate interrupt system enabled
Refer to Section 11.2.7, "PHY Interrupts," on page 128 for additional informa-
tion.
R/W
NASR
Note 8
0b
5:2
RESERVED
RO
-
1
Energy On (ENERGYON)
Indicates whether energy is detected. This bit transitions to “0” if no valid
energy is detected within 256 ms (1500 ms if auto-negotiation is enabled). It
is reset to “1” by a hardware reset and by a software reset if auto-negotiation
was enabled or will be enabled via strapping. Refer to Section 11.2.8.2,
"Energy Detect Power-Down," on page 131 for additional information.
RO
1b
0
RESERVED
RO
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com