Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM53C94 Datasheet(PDF) 20 Page - Advanced Micro Devices

Part # AM53C94
Description  High Performance SCSI Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM53C94 Datasheet(HTML) 20 Page - Advanced Micro Devices

Back Button AM53C94 Datasheet HTML 16Page - Advanced Micro Devices AM53C94 Datasheet HTML 17Page - Advanced Micro Devices AM53C94 Datasheet HTML 18Page - Advanced Micro Devices AM53C94 Datasheet HTML 19Page - Advanced Micro Devices AM53C94 Datasheet HTML 20Page - Advanced Micro Devices AM53C94 Datasheet HTML 21Page - Advanced Micro Devices AM53C94 Datasheet HTML 22Page - Advanced Micro Devices AM53C94 Datasheet HTML 23Page - Advanced Micro Devices AM53C94 Datasheet HTML 24Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 63 page
background image
P R E L I M I N A R Y
AMD
20
Am53C94/Am53C96
STATREG – Bit 2 – MSG – Message
STATREG – Bit 1 – C/D – Command/Data
STATREG – Bit 0 – I/O – Input/Output
Bit2
Bit1
Bit0
MSG
C/D
I/O
SCSI Phase
1
1
1
Message In
1
1
0
Message Out
1
0
1
Reserved
1
0
0
Reserved
0
1
1
Status
0
1
0
Command
0
0
1
Data_In
0
0
0
Data_Out
The MSG, C/D and I/O bits together can be referred to
as the SCSI Phase bits. They indicate the phase of the
SCSI bus. These bits may be latched or unlatched de-
pending on the option selected in Control Register 2
(CNTLREG2) by the Latch SCSI Phase (LSP) bit.
In the latched mode the SCSI phase bits are latched at
the end of a command and the latch is opened when the
Interrupt Status Register (INSTREG) is read. In the un-
latched mode, they indicate the phase of the SCSI bus
when this register is read.
SCSI Destination ID Register (04H) Write
RES
RES
RES
RES
RES
00000
SCSI Destination ID Register
SDIDREG
Address: 04H
Type: Write
76543
210
DID2
DID1
DID0
xxx
Reserved
Reserved
Reserved
Reserved
SCSI Destination ID 2:0
Reserved
16506C-21
SDIDREG – Bits 7:3 – RES – Reserved
SDIDREG – Bits 2:0 – DID 2:0 – Destination ID 2:0
The DID 2:0 bits are the encoded SCSI ID of the device
on the SCSI bus which needs to be selected or
reselected.
DID2
DID1
DID0
SCSI ID
1117
1106
1015
1004
0113
0102
0011
0000
At power-up the state of these bits is undefined. The DID 2:0
bits are not affected by reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com