Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM53C94 Datasheet(PDF) 44 Page - Advanced Micro Devices

Part # AM53C94
Description  High Performance SCSI Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM53C94 Datasheet(HTML) 44 Page - Advanced Micro Devices

Back Button AM53C94 Datasheet HTML 40Page - Advanced Micro Devices AM53C94 Datasheet HTML 41Page - Advanced Micro Devices AM53C94 Datasheet HTML 42Page - Advanced Micro Devices AM53C94 Datasheet HTML 43Page - Advanced Micro Devices AM53C94 Datasheet HTML 44Page - Advanced Micro Devices AM53C94 Datasheet HTML 45Page - Advanced Micro Devices AM53C94 Datasheet HTML 46Page - Advanced Micro Devices AM53C94 Datasheet HTML 47Page - Advanced Micro Devices AM53C94 Datasheet HTML 48Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 63 page
background image
P R E L I M I N A R Y
AMD
44
Am53C94/Am53C96
6tS
INT
to
RD
Set Up Time
0
ns
7tPD
RD
to
INT
Delay
0
100
ns
8tPWL
RD Pulse Width Low
50
ns
9tPD
RD
to
INT
Delay
tL – tPD
ns
Parameter
No.
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
INT
RD
Interrupt Output
68
9
7
16505C-38
Note:
There is a one-to-one relationship between every AMD and NCR Parameter (refer to Appendix B).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com