Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM53C94 Datasheet(PDF) 55 Page - Advanced Micro Devices

Part # AM53C94
Description  High Performance SCSI Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM53C94 Datasheet(HTML) 55 Page - Advanced Micro Devices

Back Button AM53C94 Datasheet HTML 51Page - Advanced Micro Devices AM53C94 Datasheet HTML 52Page - Advanced Micro Devices AM53C94 Datasheet HTML 53Page - Advanced Micro Devices AM53C94 Datasheet HTML 54Page - Advanced Micro Devices AM53C94 Datasheet HTML 55Page - Advanced Micro Devices AM53C94 Datasheet HTML 56Page - Advanced Micro Devices AM53C94 Datasheet HTML 57Page - Advanced Micro Devices AM53C94 Datasheet HTML 58Page - Advanced Micro Devices AM53C94 Datasheet HTML 59Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 63 page
background image
P R E L I M I N A R Y
AMD
55
Am53C94/Am53C96
Parameter
No.
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
138
tPD
ACK
to
REQC
Delay
60
ns
139
tPD
ACK
to
REQC
Delay
45
ns
134
tS
Data to
REQC
Set Up Time
55
ns
135
tPD
ACK
to Data Delay
78
ns
136
tPD
ACK
to
REQC
Delay
60
ns
137
tPD
ACK
to
REQC
Delay
45
ns
Parameter
No.
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
ACK
REQC
Asynchronous Target Receive
SDC 7–0
SDCP
Asynchronous Target Send
135
138
139
ACK
REQC
134
136
137
16505C-49
16505C-50
Note:
There is a one-to-one relationship between every AMD and NCR Parameter (refer to Appendix B).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com