Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM53C94 Datasheet(PDF) 14 Page - Advanced Micro Devices

Part # AM53C94
Description  High Performance SCSI Controller
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM53C94 Datasheet(HTML) 14 Page - Advanced Micro Devices

Back Button AM53C94 Datasheet HTML 10Page - Advanced Micro Devices AM53C94 Datasheet HTML 11Page - Advanced Micro Devices AM53C94 Datasheet HTML 12Page - Advanced Micro Devices AM53C94 Datasheet HTML 13Page - Advanced Micro Devices AM53C94 Datasheet HTML 14Page - Advanced Micro Devices AM53C94 Datasheet HTML 15Page - Advanced Micro Devices AM53C94 Datasheet HTML 16Page - Advanced Micro Devices AM53C94 Datasheet HTML 17Page - Advanced Micro Devices AM53C94 Datasheet HTML 18Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 63 page
background image
P R E L I M I N A R Y
AMD
14
Am53C94/Am53C96
DMAWR
DMA Write
(Input, Active Low)
This signal writes the data on the DMA 15–0 bus into the
internal FIFO when
DACK is also active. When in the
single bus mode this signal must be tied to the
WR
signal.
RD
Read
(Input Active Low)
This signal reads the internal device registers and
places their contents on the data bus, when either
CS
signal or
DACK signal is active.
WR
Write
(Input Active Low)
This signal writes the internal device registers with the
value present on the data bus, when the
CS signal is
also active.
CS
Chip Select
(Input Active Low)
This signal enables the read and write of the device reg-
isters.
CS enables access to any register (including the
FIFO) while the
DACK enables access only to the FIFO.
CS and DACK should never be active simultaneously in
the single bus mode, they may however be active simul-
taneously in the dual bus mode provided the
CS signal is
not enabling access to the FIFO.
INT
Interrupt
(Output, Active Low, Open Drain)
This signal is a non maskable interrupt flag to the host
processor. This signal is latched on the output on the
high going edge of the clock. This flag may be cleared by
reading the Interrupt Status Register (ISTAT) or by per-
forming a device reset (hard or soft). This flag is not
cleared by a SCSI reset.
DFMODE
Differential Mode
(Input, Active Low)
This input is available only on the Am53C96. This input
configures the SCSI bus to either single ended or differ-
ential mode. When this input is active, the device oper-
ates in the differential SCSI mode. The SCSI data is
available on the
SD 7–0 lines and the high active trans-
ceiver enables on the
SDC 7–0 outputs. When this input
is inactive, the device operates in the single ended SCSI
mode. The SCSI input data is available on
SD 7–0 lines
and the output data is available on
SDC 7–0 lines. In the
single ended SCSI mode, the
SD 7–0 and the SDC 7–0
buses can be tied together externally.
BUSMD 1–0
Bus Mode
(Input, Active High)
These inputs configure the device for single bus or dual
bus operation and the DMA width.
BUSMD1
BUSMD0 Bus Configuration
1
1
Two buses: 8-bit Host Bus
and 16-bit DMA Bus
Register Address on A 3–0
and Data on AD Bus
1
0
Two buses: Multiplexed
and byte control
Register Address on AD 3–0
and Data on AD Bus
0
1
Single bus: 8-bit Host Bus
and 16-bit DMA Bus
Register Address on A 3–0
and Data on DMA Bus
0
0
Single bus: 8-bit Host Bus
and 8-bit DMA Bus
Register Address on A 3–0
and Data on DMA Bus
CLK
Clock
(Input)
Clock input used to generate all the internal device tim-
ings. The maximum frequency of this input is 25 MHz.
and a minimum of 10 MHz to maintain the SCSI bus
timings.
RESET
Reset
(Input, Active High)
This input when active resets the device. The RESET in-
put must be active for at least two CLK periods after the
voltage on the power inputs have reached Vcc
minimum.
SCSI Interface Signals
SD 7–0
SCSI Data
(Input/Output, Active Low, Schmitt Trigger)
When the device is configured in the Single Ended SCSI
Mode (
DFMODE inactive) these pins are defined as in-
puts for the SCSI data bus. When the device is config-
ured in the Differential SCSI Mode (
DFMODE active)
these pins are defined as bidirectional SCSI data bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com